Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 4 Page - Texas Instruments

  TPSM84A21 Datasheet HTML 1Page - Texas Instruments TPSM84A21 Datasheet HTML 2Page - Texas Instruments TPSM84A21 Datasheet HTML 3Page - Texas Instruments TPSM84A21 Datasheet HTML 4Page - Texas Instruments TPSM84A21 Datasheet HTML 5Page - Texas Instruments TPSM84A21 Datasheet HTML 6Page - Texas Instruments TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The ambient temperature is the air temperature of the surrounding environment. The junction temperature is the temperature of the
internal power IC when the device is powered. Operating below the maximum ambient temperature, as shown in the safe operating area
(SOA) curves, ensures that the maximum junction temperature of any component inside the module is never exceeded.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN
–0.3
15
V
EN/UVLO
–0.3
7
V
PGOOD, SYNC, VG
–0.3
6
V
ILIM, VADJ, VS+
–0.3
3
V
PGND
–0.3
0.3
V
Output voltage
VOUT
–0.3
3
V
Source current
EN/UVLO
100
µA
Sink current
VG
100
mA
PGOOD
4
mA
Mechanical shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
500
G
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
G
Operating IC junction temperature, TJ
(2)
–40
125
°C
Operating ambient temperature, TA
(2)
–40
85
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
The ambient temperature is the air temperature of the surrounding environment. The junction temperature is the temperature of the
internal power IC when the device is powered. Operating below the maximum ambient temperature, as shown in the safe operating area
(SOA) curves, ensures that the maximum junction temperature of any component inside the module is never exceeded.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
8
14
V
VOUT
Output voltage
0.55
1.35
V
VVG
Gate drive voltage
5.0
5.5
V
VEN
EN voltage
0
5.5
V
VPGOOD
PGOOD pull-up voltage
0
5.5
V
VSYNC
SYNC voltage
0
5.5
V
IOUT
Output current
0
10
A
TJ
Operating IC junction temperature (1)
–40
125
°C
TA
Operating ambient temperature (1)
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com