Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 1 Page - Texas Instruments

  TPSM84A21 Datasheet HTML 1Page - Texas Instruments TPSM84A21 Datasheet HTML 2Page - Texas Instruments TPSM84A21 Datasheet HTML 3Page - Texas Instruments TPSM84A21 Datasheet HTML 4Page - Texas Instruments TPSM84A21 Datasheet HTML 5Page - Texas Instruments TPSM84A21 Datasheet HTML 6Page - Texas Instruments TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPSM84A21
VIN
PGND
VIN
VOUT
VS+
R
SET
VOUT
VADJ
EN/UVLO
SYNC
ILIM
AGND
VG
PGOOD
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
1
1 Features
1
•
Fully Integrated Power Solution Includes Input and
Output Capacitors
•
Only Requires a Single Voltage Setting Resistor
•
9 mm × 15 mm Footprint
–
2.3 mm Max Height
–
Pin Compatible With TPSM84A22
•
Ultra-Fast Load Step Response
•
Efficiencies up to 88%
•
1% Output Voltage Accuracy
•
4 MHz Switching Frequency
•
Synchronizes to an External Clock
•
Power Good Output
•
Pre-Bias Output Start-Up
•
Programmable Under-Voltage Lockout (UVLO)
•
Operating IC Junction Range: –40°C to +125°C
•
Operating Ambient Range: –40°C to +85°C
•
Meets EN55022 Class B Emissions
2 Applications
•
Telecom and Wireless Infrastructure
•
Test and Measurement
•
Compact PCI/ PCI Express/ PXI Express
3 Description
The TPSM84A21 is an easy-to-use integrated power
solution that combines the TPS54A20, a 10-A,
DC/DC,
synchronous,
step-down
converter
with
power MOSFETs, shielded inductors, input and
output capacitors, and passives into a low profile
package. This total power solution requires only one
voltage-setting resistor, and eliminates the loop
compensation and magnetics part selection from the
design process.
The completely integrated power solution allows
standard applications to operate with no additional
input or output capacitors and only a single external
resistor to set the output voltage. High frequency
operation, ultra-fast transient response, and accurate
voltage regulation allow the TPSM84A21 to meet tight
regulation specs.
The 9 × 15 mm PCB footprint is easy to solder onto a
printed circuit board and allows a compact, low-profile
point-of-load design.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPSM84A21
QFM
9.00 mm × 15.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Device Comparison
PART NUMBER
VOUT ADJUST RANGE
TPSM84A21
0.55 V - 1.35 V
TPSM84A22
1.2 V - 2.05 V
SPACE
Simplified Schematic
Transient Response


Similar Part No. - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 27P
8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84A21MOJR TI1-TPSM84A21MOJR Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
TPSM84A21MOJT TI1-TPSM84A21MOJT Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
More results

Similar Description - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
TPS54A20 TI1-TPS54A20 Datasheet
2Mb / 43P
8-V to 14-V Input, 10-A, up to 10-MHz SWIFT Step Down Converter
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
TPSM84A22 TI1-TPSM84A22 Datasheet
1Mb / 27P
8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM831D31 TI1-TPSM831D31 Datasheet
1,017Kb / 78P
8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus Power Module
TPSM831D31 TI-TPSM831D31_V01 Datasheet
2Mb / 87P
TPSM831D31 8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus??Power Module
JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com