Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments TPSM84A21 Datasheet HTML 16Page - Texas Instruments TPSM84A21 Datasheet HTML 17Page - Texas Instruments TPSM84A21 Datasheet HTML 18Page - Texas Instruments TPSM84A21 Datasheet HTML 19Page - Texas Instruments TPSM84A21 Datasheet HTML 20Page - Texas Instruments TPSM84A21 Datasheet HTML 21Page - Texas Instruments TPSM84A21 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9 Power Supply Recommendations
The TPSM84A21 is designed to operate from an input voltage supply range between 8 V and 14 V. This input
supply should be well regulated and able to withstand maximum input current and maintain a stable voltage. The
resistance of the input supply rail should be low enough that an input current transient does not cause a high
enough drop at the supply voltage that can cause a false UVLO fault triggering and system reset.
If the input supply is located more than a few inches from the TPSM84A21, additional bulk capacitance may be
required at the input pins. A typical recommended amount of bulk input capacitance is 47 μF - 100 μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com