Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 6Page - Texas Instruments TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments TPSM84A21 Datasheet HTML 12Page - Texas Instruments TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
VIN
PGND
VOUT
VADJ
VS+
TPSM84A21
1 kO
VREF
Power
Stage
and
Control
Logic
VIN
UVLO
Oscillator
SYNC
Soft
Start
PGOOD
Protection
and
Supervisory
Circuits
ILIM
EN/UVLO
VG
REG
4 MHz
10 O
VOUT
Error
Amp
AGND
Copyright © 2016, Texas Instruments Incorporated
10
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPSM84A21 is a 14-V, 10-A, synchronous series capacitor step-down (buck) power module. The
TPSM84A21 combines a 10-A DC/DC converter with power MOSFETs, shielded inductors, series capacitor,
input and output capacitors, and passives into a low profile, overmolded package. The integrated input and
output capacitors allows standard applications to operate with no additional input or output capacitors and only a
single resistor to set the output voltage.
The integrated components allow for high-efficiency, high-density, complete power supply designs with
continuous output currents up to 10 A. The TPSM84A21 reduces the external component count by integrating
both the input and output capacitors. The TPSM84A21 input voltage range is 8 V to 14 V with an output voltage
range of 0.508 V to 1.35 V.
The TPSM84A21 is a two-phase power supply with each phase switching at a fixed 2 MHz frequency, resulting
in the internal oscillator frequency of 4 MHz. An external synchronization clock can also be provided via the
SYNC pin.
The TPSM84A21 starts up safely into loads with pre-biased outputs (non-zero volts at startup). The device
implements an internal input voltage under voltage lockout (UVLO) feature which can be adjusted higher by
adding an external resistor divider on the EN/UVLO pin. Electrical ON/OFF control is provided using the enable
(EN) feature. The TPSM84A21 is disabled by pulling the EN pin low. When the device is disabled, the supply
current is typically less than 50 μA.
The TPSM84A21 has a power good comparator (PGOOD) which monitors the output voltage through the VS+
pin. The PGOOD pin is an open-drain MOSFET which is held low until the output voltage is within ±5% of the set
voltage. The PGOOD pin is held low during startup or when a fault occurs.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com