Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments TPSM84A21 Datasheet HTML 12Page - Texas Instruments TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments TPSM84A21 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.3.2 Input and Output Capacitance
The TPSM84A21 requires no external input or output capacitance to operate. Internal to the TPSM84A21 there is
66.1 µF (nominal) of ceramic input capacitance. Additionally, internal to the TPSM84A21 there is 185 µF
(nominal) of ceramic output capacitance.
Applications requiring additional ripple voltage reduction should add ceramic input and output capacitors directly
at the VIN and VOUT pins of the device. Applications requiring improved transient response can also benefit by
adding additonal ceramic or low-ESR bulk output capacitance. See the Capacitance section of the Electrical
Characteristics table for more information when adding external input and output capacitors.
7.3.3 Transient Response
The exceptional transient response of the TPSM84A21 allows many applications to operate with little or no
additional output capacitance. Figure 11 through Figure 14 show typical transient waveforms for the
TPSM84A21.
7.3.3.1 Transient Response Waveforms
VIN = 12 V
VOUT = 0.8 V
Load Step = 5 A
COUT = 0 µF
Slew Rate = 1 A/µs
Figure 11. Transient Response
VIN = 12 V
VOUT = 0.8 V
Load Step = 5 A
COUT = 300 µF
Slew Rate = 5 A/µs
Figure 12. Transient Response
VIN = 12 V
VOUT = 1.0 V
Load Step = 5 A
COUT = 0 µF
Slew Rate = 1 A/µs
Figure 13. Transient Response
VIN = 12 V
VOUT = 1.0 V
Load Step = 5 A
COUT = 100 µF
Slew Rate = 5 A/µs
Figure 14. Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com