Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 9Page - Texas Instruments TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments TPSM84A21 Datasheet HTML 12Page - Texas Instruments TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments TPSM84A21 Datasheet HTML 16Page - Texas Instruments TPSM84A21 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
TPSM84A21
www.ti.com
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.3.4 Oscillator Frequency
The oscillator frequency of this converter is set at 4 MHz. The per phase switching frequency of the converter is
half the oscillator frequency, or 2 MHz per phase. The oscillator frequency is fixed internally.
During load transients, the internal control loop will momentarily change the switching frequency in order to meet
the output voltage recovery.
7.3.5 External Clock Syncronization
An external clock can be connected to the SYNC pin. The external clock signal overrides the internal oscillator
and is used as the system clock. This feature enables the user to synchronize the switching events to a master
clock on their board. The internal phase locked loop (PLL) has been implemented to allow synchronization at
frequencies between ±10% of the nominal oscillator frequency. This allows the user to easily switch between the
internal oscillator mode and the external clock mode while converting power. Before the external clock is present
or after it is removed, the device with default to the internal oscillator setting.
To implement the synchronization feature, connect a square wave clock signal to the SYNC pin with a duty cycle
between 20% and 80%. The clock signal amplitude must transition lower than 0.8 V and higher than 2 V. The
start of the switching cycle is synchronized to the rising edge of the SYNC pin. The device can be configured for
operation in applications where both an internal oscillator mode and an external synchronization clock mode are
needed. Before the external clock is present, the switching frequency of the device is set by the internal
oscillator. When the external clock is present, the SYNC mode overrides the internal oscillator. The first time the
SYNC pin is pulled above the SYNC high threshold (2 V), the device switches from the internal oscillator mode to
the SYNC mode and the PLL starts to lock onto the frequency of the external clock. When the external SYNC
clock is removed, the converter will transition back to the internal oscillator after 4 internal clock cycles.
7.3.6 Soft Start
The TPSM84A21 has a pre-programmed soft start time of 4.1 ms (typ). The soft start time is the time it takes for
the output voltage to rise from zero volts to the voltage set by the RSET resistor. Soft start is an important feature
that limits inrush current and reduces the load on the input supply to this device. During soft start, the internal
reference voltage is slowly ramped up to the internal reference voltage. This slowly increases the commanded
output voltage of the converter and reduces the initial surge in current. During soft start PGOOD remains low, the
PLL is not active, and output UVP/OVP faults are disabled.
7.3.7 Power Good (PGOOD)
The Power Good (PGOOD) pin is an open drain output. After startup, when the VADJ pin is typically between
95% and 105% of the internal voltage reference, the PGOOD pin pull-down is released and the pin floats. The
recommended pull-up resistor value is between 10 kΩ and 100 kΩ to a voltage source of 5.5 V or less. For
convenience, VG can be used as the pull-up voltage. The PGOOD is in a defined state once the VIN input
voltage is greater than approximately 1.2 V, but with reduced current sinking capability. The PGOOD achieves
full current sinking capability once the VIN input voltage is above the input UVLO. The PGOOD pin is pulled low
when the VADJ pin voltage is typically lower than 95% or greater than 105% of the nominal internal reference
voltage. The PGOOD pin is also pulled low if a fault is detected, the EN pin is pulled low, or the converter is
performing its soft-start power up sequence.
7.3.8 Gate Driver (VG)
A linear regulator internal to the TPSM84A21 generates a 4.8 V internal supply rail on the VG pin. The input of
the linear regulator comes from the VIN pin. The VG supply rail is used to power the internal gate drivers and is
the input to another regulator that generates the internal supply rails used by the controller. To improve converter
efficiency, an external 5 V supply is recommended to be connected to the VG pin, thereby overriding the internal
4.8 V regulator. This external supply must be between 5.0 V and 5.5 V and must be present before applying
input voltage to the VIN pin. If not supplying an external voltage to this pin, leave this pin open.
7.3.9 Startup into Pre-biased Outputs
The TPSM84A21 prevents the low-side MOSFETs from discharging a pre-biased output. During pre-biased
startup, the low-side MOSFETs do not turn on until after the high-side MOSFETs have started switching. The
high-side MOSFETs do not start switching until the internal soft-start reference voltage exceeds the voltage at
the VADJ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com