Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 34 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5710R Datasheet HTML 30Page - Analog Devices AD5710R Datasheet HTML 31Page - Analog Devices AD5710R Datasheet HTML 32Page - Analog Devices AD5710R Datasheet HTML 33Page - Analog Devices AD5710R Datasheet HTML 34Page - Analog Devices AD5710R Datasheet HTML 35Page - Analog Devices AD5710R Datasheet HTML 36Page - Analog Devices AD5710R Datasheet HTML 37Page - Analog Devices AD5710R Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Data Sheet
AD5710R
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 56
POWER SUPPLY RECOMMENDATIONS
The AD5710R does not have any restrictions for power supply
sequencing. The outputs are maintained at POR state with a known
pull-down resistance until proper register configurations are set.
The application module is very limited in terms of space, therefore
it is necessary to reduce both the number of external components
and their size without compromising functional or specification
requirements. Typically, capacitor values are considered with a ±5%
tolerance unless otherwise specified.
Table 13. External Passive Components
Pin Name
Passive Components Required
AVDD
0.1µF || 10µF capacitor per pin to
AGND
PVDDx
0.1µF || 10µF capacitor per pin to
AGND
IOVDD
0.1µF capacitor to AGND
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5710R is via a serial bus that
uses a standard protocol compatible with DSPs and microcontrol-
lers. The communication channel requires a 4‑wire serial interface
consisting of a clock signal (SCLK), a data input signal (MISO), a
data output signal (MOSI), and a synchronization signal (SS).
The SPI interface of the AD5710R is designed for easy connection
to industry-standard DSPs and microcontrollers. Figure 73 shows
the AD5710R connected to the ADuCM320. The ADuCM320 has
an integrated SPI port that can be connected directly to the SPI
pins of the AD5710R.
Figure 73. ADuCM320 SPI Interface
LAYOUT GUIDELINES AND ASSEMBLY
GUIDELINES
The PCB level reliability of the device is directly linked to the PCB
type and design used. Using a PCB material that matches the
coefficient of thermal expansion (CTE) of the silicon (for example,
ceramic) provides the optimal mechanical performance. For organic
material PCBs (for example, FR4) where the CTE is different from
that of the silicon, the use of underfill can increase the mechanical
performance. For organic PCB thickness >0.8mm, consider using
underfill. Particular attention must be given to the underfill material
selection to match the material properties with the application use
conditions.
Consider using low alpha material in the system assembly to
reduce the soft error rate (SER).
The AN-617 Application Note provides information on PCB layout
and assembly for the WLCSP.
THERMAL CONSIDERATIONS
The device has an absolute maximum junction temperature of
150°C and a maximum operating junction temperature (TJ_MAX) of
125°C (see the Absolute Maximum Ratings section). To meet the
specified performance, the AD5710R must be operated at a junc-
tion temperature no greater than 125°C. The junction temperature
is directly affected by the power dissipated across the AD5710R
and the ambient temperature.
Most of the power dissipation of the AD5710R comes from the
IOUT channels. The DC Specifications section specifies the output
current ranges for each IOUT channel and the maximum power
supply voltages. It is important to understand the effects of power
dissipation on the package and the effects the package has on the
junction temperature. The part is packaged in a 25-ball, 2.143mm
× 2.193mm × 0.500mm WLCSP. The thermal resistance values are
specified in Table 6. Table 14 provides examples of the maximum
allowed power dissipation, the maximum allowed ambient tempera-
ture, and the maximum board temperature under certain specified
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com