Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5710R Datasheet HTML 19Page - Analog Devices AD5710R Datasheet HTML 20Page - Analog Devices AD5710R Datasheet HTML 21Page - Analog Devices AD5710R Datasheet HTML 22Page - Analog Devices AD5710R Datasheet HTML 23Page - Analog Devices AD5710R Datasheet HTML 24Page - Analog Devices AD5710R Datasheet HTML 25Page - Analog Devices AD5710R Datasheet HTML 26Page - Analog Devices AD5710R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Data Sheet
AD5710R
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 56
Table 9. Multiplexer Channels Options (Continued)
SEL Field
MUX_OUT
26
AGND
The corresponding full-scale output voltages for each monitored
channel are provided in Table 10.
Table 10. Full Scale Output Voltages
MUX_OUT Channel
Full Scale Output (V)
Current Monitor through RSENSE, CHx
PVDD
Voltage Monitor, CHx
VREF or 2 × VREF
Supply Voltage, PVDDx for CHx
PVDD
Die Temperature at 125°C
0.61
Voltage Monitor Channels
The transfer function of the integrated multiplexer, when voltage
output monitor channel is selected, is given by the following equa-
tions.
For VDAC mode with OUTPUT_CONTROL_0, Bit 2 (range) = 0
VMEAS=MUX_OUT
(4)
For VDAC mode with OUTPUT_CONTROL_0, Bit 2 (range) = 1
VMEAS=2×MUX_OUT
(5)
where:
VMEAS is the measured voltage output of the selected channel.
MUX_OUT is the voltage output on the MUX_OUT pin in volts.
A voltage output of VREF represents the full scale range of the
DAC channel being monitored regardless of the OUTPUT_CON-
TROL_0, Bit 2 (range) value.
Current Monitor Channels
When the MUX_OUT pin is configured to monitor the current of the
OUTx channel, the transfer function depends on the value of the
sense resistor (RSENSE). The relationship is typically expressed as
the following equation:
IOUTX=PVDDx−MUX_OUTV
RSENSE
(6)
where:
MUX_OUT is the voltage at the MUX_OUT pin in volts.
PVDDx is the supply voltage.
RSENSE is the internal sense resistor, with value of 1.84Ω ±10%
nominal tolerance.
PVDDₓ can be measured directly at the supply pin or using the
MUX_OUT function. Using the known value of the internal sense
resistor RSENSE and the measured MUX_OUT voltage, the output
current IOUTₓ can be calculated using Equation 6.
Die Temperature Monitor
The internal die temperature can also be monitored through the
MUX_OUT pin by setting the SEL bits to 0x19. The transfer function
used to derive the measured temperature is given by the following
equation:
TMEAS=MUX_OUTV−0.434V
1.774mV/°C
+25°C
(7)
where:
TMEAS is the measured internal die temperature in °C.
MUX_OUT is the voltage at the MUX_OUT pin in volts.
Supply Voltages Monitor
The supplies PVDD0 and PVDD1 can be monitored through the
MUX_OUT pin by setting the corresponding SEL bits. The transfer
function is given by the following equation:
VPVDDX=MUX_OUT
(8)
where MUX_OUT is the voltage output on the MUX_OUT pin in
volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com