Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5710R Datasheet HTML 5Page - Analog Devices AD5710R Datasheet HTML 6Page - Analog Devices AD5710R Datasheet HTML 7Page - Analog Devices AD5710R Datasheet HTML 8Page - Analog Devices AD5710R Datasheet HTML 9Page - Analog Devices AD5710R Datasheet HTML 10Page - Analog Devices AD5710R Datasheet HTML 11Page - Analog Devices AD5710R Datasheet HTML 12Page - Analog Devices AD5710R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Data Sheet
AD5710R
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 9 of 56
Table 5. Absolute Maximum Ratings
Parameter
Rating
AVDD to GND
−0.3V to +6.5V
PVDDx to GND
−0.3V to +6.5V or AVDD + 0.3V, whichever is
less
IOVDD to GND
−0.3V to +2.1V
OUTn to GND
−0.3V to +6.5V or PVDD + 0.3V, whichever is
less.
VREF1 to GND
−0.3V to +6.5V or AVDD + 0.3V, whichever is
less
Digital Input/Output Voltage to
GND
−0.3V to +2.1V or IOVDD + 0.3V, whichever
is less
Temperature
Operating Junction
Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Absolute Maximum Junction
Temperature
150°C
Reflow Soldering Peak
Temperature, Pb-Free (J-
STD-020)
260°C
1 Configured as the reference input pin.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required, in particular for applications where high
maximum power dissipation exists.
θJA and θJB are mainly used to compare the thermal performance of
the device package with other semiconductor packages, assuming
all listed test conditions are similar. They can also be used as a
first-order approximation of the junction temperature in a system
environment.
For WLCSP devices, using ΨJB or ΨJT is a more appropriate meth-
od to estimate the worst-case junction temperature in the system
environment, provided that an accurate thermal measurement is
available—either near the device under test (DUT) on the board or
directly on the top surface of the package during system operation.
Table 6. Thermal Resistance
Package Type
θJA
θJB
θJC
ᴪJT
ᴪJB
Unit
25-ball WLCSP1
51.8
16
2.3
3.7
16
°C/W
1 Simulation values on JEDEC 2S2P board with 4 thermal vias, still air (0m/sec
airflow).
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com