Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5710R Datasheet HTML 18Page - Analog Devices AD5710R Datasheet HTML 19Page - Analog Devices AD5710R Datasheet HTML 20Page - Analog Devices AD5710R Datasheet HTML 21Page - Analog Devices AD5710R Datasheet HTML 22Page - Analog Devices AD5710R Datasheet HTML 23Page - Analog Devices AD5710R Datasheet HTML 24Page - Analog Devices AD5710R Datasheet HTML 25Page - Analog Devices AD5710R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Data Sheet
AD5710R
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 56
Table 8. AD5710R Operating Modes
Output State
MODE_CH_n[1:0]
Normal operation
2'b00
Power-down state
►
High-Z state in IDAC
mode
►
15kΩ to GND in VDAC
mode
Others
Entering into the power-down state of any DAC channel does not
affect other register settings or the read and write capability of those
registers of the respective DAC channel. The input or DAC registers
can still be updated but do not reflect on the DAC output pins,
except during switching between DAC output modes.
Recommended Switching Flow: IDAC Mode
and VDAC Mode
Figure 54 shows the recommended switching procedures between
VDAC and IDAC modes, including their enabling and disabling
operations.
Figure 54. Recommended Switching Between Operating Modes and VDAC/
IDAC Modes
VOLTAGE REFERENCE
The device has an on-chip, buffered, 2.5V, 3ppm/°C reference
available at the VREF pin that is capable of sourcing external loads
up to +5mA.
By default, upon power-up or after a power-on reset, the VREF pin
is configured as an input pin, and an external reference voltage
must be provided. The internal reference can be enabled by setting
Bit 0 (SEL) in the REFERENCE_CONTROL_0 register to 1. It is
recommended to place the external reference IC on the same
supply as the AD5710R such that VREF is always less than or
equal to AVDD during power-up.
When operating with the internal reference, the device meets speci-
fied performance without the need for an external capacitor on the
VREF pin.
INTEGRATED MULTIPLEXER
The device contains a 27:1 analog multiplexer that can output a
voltage on the MUX_OUT pin that is a representative of either the
output voltage or the output current of a chosen channel, or the
internal die temperature of the device. A voltage output represents
the full scale range of the monitor channel that can be selected by
configuring the SEL bits on the MUX_OUT_SELECT register. An
invalid write to the SEL bits is ignored, and the SEL value does not
change.
The following signals can be routed to the MUX_OUT output:
►
OUTx_VMON output voltages
►
OUTx_IMON output through a sense resistor
►
Supply rail voltages
►
Internal die temperature
By default, the MUX_OUT is powered down. The available channel
selections and their corresponding register field values are listed in
Table 9.
Table 9. Multiplexer Channels Options
SEL Field
MUX_OUT
0
Power down (default)
1
Voltage monitor, CH0
2
Current monitor through RSENSE, CH0
3
PVDD0 for CH0
4
Voltage monitor, CH1
5
Current monitor through RSENSE, CH1
6
PVDD0 for CH1
7
Voltage monitor, CH2
8
Current monitor through RSENSE, CH2
9
PVDD0 for CH2
10
Voltage monitor, CH3
11
Current monitor through RSENSE, CH3
12
PVDD0 for CH3
13
Voltage monitor, CH4
14
Current monitor through RSENSE, CH4
15
PVDD1 for CH4
16
Voltage monitor, CH5
17
Current monitor through RSENSE, CH5
18
PVDD1 for CH5
19
Voltage monitor, CH6
20
Current monitor through RSENSE, CH6
21
PVDD1 for CH6
22
Voltage monitor, CH7
23
Current monitor through RSENSE, CH7
24
PVDD1 for CH7
25
Die Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com