Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 41 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5710R Datasheet HTML 37Page - Analog Devices AD5710R Datasheet HTML 38Page - Analog Devices AD5710R Datasheet HTML 39Page - Analog Devices AD5710R Datasheet HTML 40Page - Analog Devices AD5710R Datasheet HTML 41Page - Analog Devices AD5710R Datasheet HTML 42Page - Analog Devices AD5710R Datasheet HTML 43Page - Analog Devices AD5710R Datasheet HTML 44Page - Analog Devices AD5710R Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Data Sheet
AD5710R
REGISTERS
analog.com
Rev. 0 | 41 of 56
Figure 81. Address: 0x0A, Reset: 0x00, Name: SCRATCH_PAD
Table 23. Bit Descriptions for SCRATCH_PAD
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCH_VALUE
Software Scratchpad. Software can write to and read from this location without any device side effects. 0x0
R/W
SPI Revision Register
Indicates the SPI interface revision
Figure 82. Address: 0x0B, Reset: 0x84, Name: SPI_REVISION
Table 24. Bit Descriptions for SPI_REVISION
Bits
Bit Name
Description
Reset
Access
[7:6]
SPI_TYPE
Always Reads as 0x2.
0x2
R
[5:0]
VERSION
SPI Version.
0x4
R
Vendor ID Low Register
Low byte of the Vendor ID
Figure 83. Address: 0x0C, Reset: 0x56, Name: VENDOR_L
Table 25. Bit Descriptions for VENDOR_L
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[7:0]
Analog Devices Vendor ID.
0x56
R
Vendor ID High Register
High byte of the Vendor ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com