Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 3 Page - Analog Devices

  AD5710R Datasheet HTML 1Page - Analog Devices AD5710R Datasheet HTML 2Page - Analog Devices AD5710R Datasheet HTML 3Page - Analog Devices AD5710R Datasheet HTML 4Page - Analog Devices AD5710R Datasheet HTML 5Page - Analog Devices AD5710R Datasheet HTML 6Page - Analog Devices AD5710R Datasheet HTML 7Page - Analog Devices AD5710R Datasheet HTML 8Page - Analog Devices AD5710R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Data Sheet
AD5710R
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 3 of 56
DC SPECIFICATIONS
AVDD = 2.7V to 5.5V, PVDDx = 2.7V to AVDD for VDAC channels, PVDDx = 1.71V to AVDD for IDAC channels, IOVDD = 1.08V to 1.98V,
VREF = 2.5V (internal or external), all specifications are at TJ = −40°C to +125°C. Typical specifications at TA = 25°C, unless otherwise noted.
RL = 2kΩ, CL = 200pF for VDAC channels. RL = 50Ω for IDAC channels. No capacitor on VREF.
Table 1. DC Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VDAC STATIC PERFORMANCE
Resolution
16
Bits
Integral Nonlinearity (INL)1
−10
+10
LSB16
Differential Nonlinearity (DNL)1
−1
+1
LSB16
Guaranteed monotonic
Zero-Code Error
−4.6
1.5
+4.6
mV
Offset Error2
−5.2
1.4
+5.2
mV
Gain Error
−0.3
0.02
+0.3
% of FSR
Range = 0 to VREF
0.04
% of FSR
Range = 0 to 2 × VREF
Total Unadjusted Error (TUE)
−0.34
±0.08
+0.34
% of FSR
Range = 0 to VREF
−0.16
±0.04
0.16
% of FSR
Range = 0 to 2 × VREF
Offset Error Drift
1.5
µV/°C
Range = 0 to VREF
2.5
µV/°C
Range = 0 to 2 × VREF
Gain Error Drift
18
ppm/°C
Range = 0 to VREF
25
ppm/°C
Range = 0 to 2 × VREF
DC Power Supply Rejection Ratio
(PSRR)
AVDD
33
μV/V
DAC code = midscale, AVDD = 5V ± 10%
PVDD
16
μV/V
DAC code = midscale, PVDD = 5V ± 10%
DC Crosstalk
VDAC to VDAC
4.5
µV
Due to single channel, full-scale output change, internal
reference, and range = 0 to VREF
35
µV/mA
Due to single channel, from −10mA to +10mA load current
change, internal reference, and range = 0 to VREF
14
µV
Due to powering down (per channel), internal reference, and
range = 0 to VREF
IDAC to VDAC
168
µV
Due to single channel, full-scale output change, internal
reference, and range = 0 to VREF
298
µV
Due to powering down (per channel), internal reference, and
range = 0 to VREF
VDAC OUTPUT CHARACTERISTICS
Output Voltage Range
0
VREF
V
Range = 0 to VREF
0
2 × VREF
V
Range = 0 to 2 × VREF
Short Circuit Current
50
mA
Sourcing
10
mA
Sinking
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL ≤ 2kΩ
Load Regulation
200
µV/mA
PVDD = 5V ± 10%, DAC code = midscale, −30mA ≤ IOUT ≤
+30mA
200
µV/mA
PVDD = 3V ± 10%, DAC code = midscale, −20mA ≤ IOUT ≤
+20mA
Headroom
70
50
mV
Source current = 20mA
Footroom
250
120
mV
Sink current = 10mA
Output Impedance
10
Ω
Output close to VDD or GND
Power-Up Time
4.5
µs
Exiting power-down mode, AVDD = PVDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com