Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 4 Page - Analog Devices

  AD5710R Datasheet HTML 1Page - Analog Devices AD5710R Datasheet HTML 2Page - Analog Devices AD5710R Datasheet HTML 3Page - Analog Devices AD5710R Datasheet HTML 4Page - Analog Devices AD5710R Datasheet HTML 5Page - Analog Devices AD5710R Datasheet HTML 6Page - Analog Devices AD5710R Datasheet HTML 7Page - Analog Devices AD5710R Datasheet HTML 8Page - Analog Devices AD5710R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Data Sheet
AD5710R
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 4 of 56
Table 1. DC Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
IDAC STATIC PERFORMANCE
Resolution
16
Bits
INL1
±8
LSB16
DNL1
−1
+1
LSB16
Guaranteed monotonic
Offset Error2
82
µA
Gain Error
0.1
% of FSR
Offset Error Drift
0.14
µA/°C
Gain Error Drift
20
ppm/°C
DC PSRR
AVDD
1.2
µA/V
DAC code = midscale, AVDD = 5V ± 10%
1.5
µA/V
DAC code = midscale, AVDD = 3.3V ± 10%
PVDD
23
µA/V
DAC code = midscale, PVDD = 5V ± 10%
12.5
µA/V
DAC code = midscale, PVDD = 1.8V ± 10%
DC Crosstalk
IDAC to IDAC
3
μA
Due to single channel, full-scale output change, and internal
reference
5
μA
Due to powering down (per channel), and internal reference
VDAC to IDAC
0.1
μA
Due to single channel, full-scale output change, and internal
reference
0.5
μA
Due to powering down (per channel), internal reference, and
VDAC range = 0 to VREF
IDAC OUTPUT CHARACTERISTICS
Output Current Range
0
>50
mA
Dropout Voltage
250
mV
Output current = FS
Power-Up Time
4
µs
Exiting power-down mode, AVDD = PVDD = 5V
REFERENCE INPUT
Reference Input Current
387
µA
VREF = 5.5V
682
µA
VREF = 5.5V and VDAC range = 0 to 2 × VREF
Reference Input Voltage
2.5
V
Reference Input Impedance
14.3
kΩ
8.1
kΩ
VDAC range = 0 to 2 × VREF
REFERENCE OUTPUT
VREF Output
2.4925
2.5
2.5075
V
Voltage Reference Temperature
Coefficient (TC)
3
ppm/°C
Output Impedance
0.04
Ω
Load Regulation Sourcing
40
µV/mA
At ambient temperature
Output Current Load Capability
+7
mA
Sourcing, AVDD ≥ 3V
400
µA
Sinking
Line Regulation
13.4
µV/V
At ambient temperature
Thermal Hysteresis
2.6
ppm
First cycle
2.7
ppm
Additional cycles
INTEGRATED MULTIPLEXER
Output Voltage Range
0
PVDD
V
Output Current
±9
mA
Output Impedance
0.54
Ω
Offset Error
50
mV
Maximum Capacitive Load
10
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com