Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 6 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5710R Datasheet HTML 2Page - Analog Devices AD5710R Datasheet HTML 3Page - Analog Devices AD5710R Datasheet HTML 4Page - Analog Devices AD5710R Datasheet HTML 5Page - Analog Devices AD5710R Datasheet HTML 6Page - Analog Devices AD5710R Datasheet HTML 7Page - Analog Devices AD5710R Datasheet HTML 8Page - Analog Devices AD5710R Datasheet HTML 9Page - Analog Devices AD5710R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Data Sheet
AD5710R
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 6 of 56
Table 2. AC Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC-to-DAC
1.1
mV
OUT1 and OUT5 as victim channels, with OUT0 and OUT4 as attackers
respectively
0.3
mV
OUT0, OUT2 , OUT3, OUT4, OUT6, and OUT7 as victim channels
IDAC-to-VDAC Crosstalk (Voltage Peak)3
Internal reference and range = 0 to VREF
Analog
5
mV
Adjacent channels2
0.2
mV
Non adjacent channels2
DAC-to-DAC
3
mV
Adjacent channels2
0.2
mV
Non adjacent channels2
Mux-to-VDAC Crosstalk4
0.09
mV
OUT1, OUT2 , OUT3, OUT4, OUT5, and OUT7 as victim channels
1.3
mV
OUT0 and OUT4 as victim channels
Output Noise Spectral Density
DAC code = midscale, 10kHz
68
nV/√Hz
Range = 0 to VREF and external reference
84
nV/√Hz
Range = 0 to 2 × VREF and external reference
107
nV/√Hz
Range = 0 to VREF and internal reference
131
nV/√Hz
Range = 0 to 2 × VREF and ixternal reference
Output Noise
15
µV p-p
0.1Hz to 10Hz, range = 0 to VREF
25
µV p-p
0.1Hz to 10Hz, range = 0 to 2 × VREF
PVDDx AC PSRR
-93
dB
10Hz, range = 0 to VREF or range = 0 to 2 × VREF
-79
dB
100Hz, range = 0 to VREF or range = 0 to 2 × VREF
-59
dB
1kHz, range = 0 to VREF or range = 0 to 2 × VREF
IDAC SPECIFICATIONS
Output Current Settling Time
17.5
µs
¼ to ¾ scale with settling to ±2 LSB16
Slew Rate
18
mA/µs
10% FSR to 90% FSR and vice versa
Digital-to-Analog Glitch Impulse
15
pA-sec
1 LSB16 change around major carry
Digital-to-Analog Glitch Peak
40
μA
Digital Feedthrough (Current Peak)
Internal reference and range = 0 to VREF
2.5
µA
OUT1, OUT2 , OUT3, OUT5, OUT6, and OUT7 as victim channels
35
µA
OUT0 and OUT4 as victim channels
IDAC-to-IDAC Crosstalk (Current Peak)
Internal reference and range = 0 to VREF
Digital
2.4
µA
OUT1, OUT2 , OUT3, OUT5, OUT6, and OUT7 as victim channels
35
µA
OUT0 and OUT4 as victim channels
Analog
130
µA
OUT1 and OUT5 as victim channels, with OUT0 and OUT4 as attackers
respectively
12
µA
OUT0, OUT2 , OUT3, OUT4, OUT6, and OUT7 as victim channels
DAC-to-DAC
9.4
µA
OUT0, OUT2 , OUT3, OUT4, OUT6, and OUT7 as victim channels
65
µA
OUT1 and OUT5 as victim channels, with OUT0 and OUT4 as attackers
respectively
VDAC-to-IDAC Crosstalk (Current Peak)
Internal reference and range = 0 to VREF
Analog
6.5
µA
OUT0, OUT2 , OUT3, OUT4, OUT6, and OUT7 as victim channels
20.5
µA
OUT1 and OUT5 as victim channels, with OUT0 and OUT4 as attackers
respectively
DAC-to-DAC
1.3
µA
OUT0, OUT2 , OUT3, OUT4, OUT6, and OUT7 as victim channels
18.6
µA
OUT1 and OUT5 as victim channels, with OUT0 and OUT4 as attackers
respectively
Output Noise Spectral Density
DAC code = midscale
4.1
nA/√Hz
f = 1kHz and external reference
3.1
nA/√Hz
f = 10kHz and external reference
Output Noise
1.15
µA p-p
0.1Hz to 10Hz
PVDDx AC PSRR
-97
dB
100Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com