Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5710R Datasheet HTML 22Page - Analog Devices AD5710R Datasheet HTML 23Page - Analog Devices AD5710R Datasheet HTML 24Page - Analog Devices AD5710R Datasheet HTML 25Page - Analog Devices AD5710R Datasheet HTML 26Page - Analog Devices AD5710R Datasheet HTML 27Page - Analog Devices AD5710R Datasheet HTML 28Page - Analog Devices AD5710R Datasheet HTML 29Page - Analog Devices AD5710R Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Data Sheet
AD5710R
DAC CORE FUNCTIONS
analog.com
Rev. 0 | 26 of 56
Option 1 (Immediate Update, Unique Data, No
LDAC, and Single and Multiple Channels)
Option 1 allows the immediate update of DAC_CHn registers after
writing the whole 16-bit data. An LDAC is not required, and it is
applicable to both single channel and multiple channel updates in
single instruction or stream modes.
A single instruction is sent with the descending mode selected. The
higher address of the multibyte register is called on the instruction
phase (0xD3 : DAC_CH0 register, followed by two 8-bit data) that
updates the output immediately after the last SCLK.
Figure 57. Option 1 Example: Write to the DAC_Ch0 Register, Single
Instruction Mode, and Address Descending
Option 2 (Controlled Update, Unique Data,
Hardware LDAC, and Single and Multiple
Channels)
Option 2 allows controlled update timing of the DAC_CHn registers
from the INPUT_CHn registers through a hardware LDAC.
This option is applicable to both single channel and multiple chan-
nel updates in single instruction or stream modes.
A single instruction is sent to write to the HW_LDAC_EN_0 register,
enabling a hardware LDAC for the selected channels. Then a
stream mode is initiated, in default descending mode, writing to the
INPUT_CH7 first up to INPUT_CH0. The LDAC is asserted at the
end of the stream updating the DAC registers and the DAC output
(if the correct LDAC timing is observed).
Figure 58. Option 2 Example: Write to the INPUT_CH7 to INPUT_CH0
Registers, Hardware LDAC Enabled, Stream Mode, and Address Descending
Option 3 (Controlled Update, Unique Data,
Software LDAC, and Single and Multiple
Channels)
Option 3 allows controlled update timing of the DAC_CHn registers
from the INPUT_CHn registers through the software LDAC.
This option is applicable to both single channel and multiple chan-
nel updates in single instruction and stream modes.
This option is similar to Option 2, except a software LDAC func-
tion is used instead of a hardware LDAC. The SW_LDAC_EN_0
register determines which channel gets affected by a software
LDAC command. The DAC registers and DAC outputs are updated
with the input data written after the last SCLK of the SW LDAC
command.
Figure 59. Option 3 Example: Write to the INPUT_CH7 and INPUT_CH6
Registers with a Software LDAC, Stream Mode, and Address Descending
Option 4 (Immediate Update, Same Data, No
LDAC, and Multiple Channels)
Option 4 allows the immediate and simultaneous update of
multiple DAC_CHn registers identified by MULTI_DAC_SEL_0
(MD_SEL_CH_n) bitfields with the same data. Data is contained
in MULTI_DAC_CH register and the update is initiated after writing
the whole 16-bit data. An LDAC is not required.
Option 4 is ideal for multiple channel updates in both single instruc-
tion and stream modes.
A write instruction is sent to the MULTI_DAC_SEL_0 register, ena-
bling multiple DAC functions for the selected channels. With stream
mode descending enabled, the next commands are the data for
the adjacent multibyte register 0xE3 (and 0xE2) MULTI_DAC_CH.
Assuming that STREAM_MODE(LOOP_COUNT) is set to 0x3, the
succeeding data stream loops back to the start address, 0xE4, and
repeats the process, until CS is deasserted.
Figure 60. Option 4 Example: Write to the MULTI_DAC_CHn Register, Stream
Mode (Loop), and Address Descending
Option 5 (Controlled Update, Same Data,
Hardware LDAC, and Multiple Channels)
Option 5 allows for the controlled update tim-
ing of multiple DAC_CHn registers identified
by the MULTI_INPUT_SEL_0(MI_SEL_CH_n) and
HW_LDAC_EN_0(HLD_EN_CH_n) bitfields with the same data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com