Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5710R Datasheet HTML 23Page - Analog Devices AD5710R Datasheet HTML 24Page - Analog Devices AD5710R Datasheet HTML 25Page - Analog Devices AD5710R Datasheet HTML 26Page - Analog Devices AD5710R Datasheet HTML 27Page - Analog Devices AD5710R Datasheet HTML 28Page - Analog Devices AD5710R Datasheet HTML 29Page - Analog Devices AD5710R Datasheet HTML 30Page - Analog Devices AD5710R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Data Sheet
AD5710R
DAC CORE FUNCTIONS
analog.com
Rev. 0 | 27 of 56
Data is contained in the MULTI_INPUT_CHn register, and the
update is initiated by providing a valid LDAC pulse.
Option 5 is ideal for multiple channel updates in both single instruc-
tion and stream modes. This option is similar to Option 2, except
Option 5 makes use of the MULTI_INPUT_SEL_0 and MULTI_IN-
PUT_CHn registers to select and update the input registers of
multiple DAC channels. The LDAC is asserted after each loop
ends, updating the DAC registers and the DAC outputs (when
correct LDAC is observed).
Figure 61. Option 5 Example: Write to MULTI_INPUT_CHn Register with a
Hardware LDAC, Stream Mode (Loop), and Address Ascending
Option 6 (Controlled Update, Same Data,
Software LDAC, and Multiple Channels)
Option 6 allows immediate and simultaneous
updating of multiple DAC_CHn registers identi-
fied by the MULTI_INPUT_SEL_0(MI_SEL_CH_n) and
SW_LDAC_EN_0(SLD_EN_CH_n) bitfields with the same data.
Data is contained in MULTI_INPUT_CHn register and is initiated
through the software LDAC.
Option 6 is ideal for multiple channel updates in both single
instruction and stream modes. It is similar to Option 5, except a
software LDAC function is used instead of a hardware LDAC. The
SW_LDAC_EN_0 register determines which channel is affected by
a software LDAC command.
Figure 62. Option 6 Example: Write to MULTI_INPUT_CHn Register with a
Software LDAC, Stream Mode (Loop), and Address Ascending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com