Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 29 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5710R Datasheet HTML 25Page - Analog Devices AD5710R Datasheet HTML 26Page - Analog Devices AD5710R Datasheet HTML 27Page - Analog Devices AD5710R Datasheet HTML 28Page - Analog Devices AD5710R Datasheet HTML 29Page - Analog Devices AD5710R Datasheet HTML 30Page - Analog Devices AD5710R Datasheet HTML 31Page - Analog Devices AD5710R Datasheet HTML 32Page - Analog Devices AD5710R Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Data Sheet
AD5710R
DIGITAL INTERFACE
analog.com
Rev. 0 | 29 of 56
Figure 65. Multibyte Read in Ascending Mode
Figure 66. Multibyte Read in Descending Mode
Address direction is selected with the INTERFACE_CONFIG_A, Bit
5 (ADDR_ASCENSION). If this bit is set to 0, the address decre-
ments after each byte is accessed. If this bit is set to 1, the address
increments after each byte is accessed. If a SPI write transaction
to a multibyte register is attempted on a per byte basis, the register
contents are not updated on the device, and the INTERFACE_STA-
TUS_A, Bit 1 (REGISTER_PARTIAL_ACCESS_ERR) is set.
This device contains the following multibyte registers: DAC_CHn,
INPUT_CHn, MULTI_DAC_CH, and MULTI_INPUT_CH.
SINGLE INSTRUCTION MODE
When the INTERFACE_CONFIG_B, Bit 7 (SINGLE_INST) is set
to 1, streaming mode is disabled, and single instruction mode is
enabled. In single instruction mode, the data phase consists of data
for a single register, and each data phase must be followed by a
new instruction phase (even if CS remains low). Single instruction
mode allows the digital host to quickly read from and write to
registers with nonadjacent addresses in a single SPI frame (see
Figure 67), whereas streaming mode only allows either reading or
writing to contiguous registers without pulsing CS high to initiate a
new instruction phase.
When accessing multibyte registers in single instruction mode, data
phase should include all two bytes or 16 SCLK cycles, and the reg-
ister address order is dependent on the INTERFACE_CONFIG_A,
Bit 5 (ADDR_ASCENSION).
Figure 67. Single Instruction Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com