Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5710R Datasheet HTML 3Page - Analog Devices AD5710R Datasheet HTML 4Page - Analog Devices AD5710R Datasheet HTML 5Page - Analog Devices AD5710R Datasheet HTML 6Page - Analog Devices AD5710R Datasheet HTML 7Page - Analog Devices AD5710R Datasheet HTML 8Page - Analog Devices AD5710R Datasheet HTML 9Page - Analog Devices AD5710R Datasheet HTML 10Page - Analog Devices AD5710R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Data Sheet
AD5710R
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 7 of 56
Table 2. AC Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
-85
dB
1kHz
-46
dB
100kHz
VOLTAGE REFERENCE OUTPUT
Output Voltage Noise
22
µV p-p
0.1Hz to 10Hz
Output Voltage Noise Density
93
nV/√Hz
f = 10kHz
1 Crosstalk measurements are computed as the average of all attacker channels affecting a specific victim, from zero code to full scale transition, or vice versa, on the
attacker channel.
2 Adjacent channels are defined within the same PVDD supply domain. Channels CH0 to CH3 share PVDD0 and are considered adjacent only to each other, and channels
CH4 to CH7 share PVDD1 and are adjacent only to each other.
3 Impact caused by a code change in an IDAC channel on the output of a VDAC channel.
4 The peak glitch seen on the VDAC channels when any channel is monitored through MUX_OUT_SELECT Register.
DIGITAL INTERFACE TIMING
All input signals are specified for a standalone device with rise time (tR) = fall time (tF) = 1ns/V (10% to 90% of IOVDD) and timed from a voltage
level of (VIL + VIH)/2. AVDD = 2.7V to 5.5V, 1.08V ≤ IOVDD ≤ 1.98V. VREF = 2.5V. All specifications are at TJ = −40°C to +125°C, unless
otherwise noted.
Table 3. Digital Interface Timing Specifications
Parameter
Test Conditions / Comments
Min
Typ
Max
Units
t1 (Write)
SCLK cycle period write
201
ns
t1 (Read)
SCLK cycle period read
402
ns
t2
SCLK high time
t1 × 0.5
ns
t3
SCLK low time
t1 × 0.5
ns
t4
SCLK rising edge to CS falling edge
10
ns
t5
CS falling edge to SCLK rising edge setup time
7
ns
t6
SCLK rising edge to CS rising edge, LDAC idle high mode
4
ns
t7
CS rising edge to SCLK rising edge
6
ns
t8
Data hold time
2
ns
t9
Data setup time
5
ns
t10
CS high time (single, combined, or all channel update)
10
ns
t11
SCLK falling edge to SDO data available
9
ns
t12
SCLK falling edge to SDO data remains valid
10
ns
t13
CS rising edge to SDO disabled
9
ns
t14
SCLK falling edge to SDO enabled
10
ns
tOUT_SYNC
Last SCLK rising edge to VOUT transition start (VDAC mode)
1.06
μs
Last SCLK rising edge to IOUT transition start (IDAC mode)
2.41
μs
tRESET
RESET low pulse width
160
ns
tOUT_RESET
RESET falling edge to OUT transition start
3.6
μs
tSPI_RDY
RESET rising edge to serial peripheral interface (SPI) transaction begin
167
μs
1 Equivalent to 50MHz for write operation only.
2 Equivalent to 25MHz for read operation only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com