Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5710R Datasheet HTML 16Page - Analog Devices AD5710R Datasheet HTML 17Page - Analog Devices AD5710R Datasheet HTML 18Page - Analog Devices AD5710R Datasheet HTML 19Page - Analog Devices AD5710R Datasheet HTML 20Page - Analog Devices AD5710R Datasheet HTML 21Page - Analog Devices AD5710R Datasheet HTML 22Page - Analog Devices AD5710R Datasheet HTML 23Page - Analog Devices AD5710R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Data Sheet
AD5710R
TERMINOLOGY
analog.com
Rev. 0 | 20 of 56
DIGITAL CROSSTALK
Digital crosstalk is the energy of the glitch impulse transferred to
the output of one DAC at midscale in response to a full-scale
code change (from all 0s to all 1s and vice versa) in the input
register of another DAC. For a current-output DAC, digital crosstalk
is specified as the current peak current of the output glitch in μA.
For a voltage-output DAC, it is specified as the peak voltage of the
output glitch in μV. Both are measured on one DAC channel at a
time.
DAC-TO-DAC CROSSTALK
DAC-to-DAC crosstalk refers to the energy of the glitch impulse that
is transferred to the output of one DAC when a digital code change
is loaded into the DAC register of another channel, resulting in a
corresponding analog output change. For a current-output DAC,
this crosstalk is measured as the peak of the current output glitch
in μA. For a voltage-output DAC, it is measured as the peak of the
voltage output glitch in μV. Both measurements are taken during
a full-scale change on one DAC output, by writing directly to the
DAC register while monitoring the other DAC output, which is held
at midscale.
ANALOG CROSSTALK
Analog crosstalk refers to the glitch impulse transferred to the
output of one DAC when a digital code change is loaded into the
input register of another channel and its output is updated via
an LDAC transition. It is measured by applying a full-scale code
change (from all 0s to all 1s and vice versa) to the input register
of the active channel, performing an LDAC update, and monitoring
the output of the channel whose code remains unchanged. It is
expressed as the peak current in μA for a current-output DAC and
as the peak voltage in μV for a voltage-output DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com