Electronic Components Datasheet Search
  English  ▼

X  

AD5710R Datasheet(PDF) 49 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 49 Page - Analog Devices

Back Button AD5710R Datasheet HTML 45Page - Analog Devices AD5710R Datasheet HTML 46Page - Analog Devices AD5710R Datasheet HTML 47Page - Analog Devices AD5710R Datasheet HTML 48Page - Analog Devices AD5710R Datasheet HTML 49Page - Analog Devices AD5710R Datasheet HTML 50Page - Analog Devices AD5710R Datasheet HTML 51Page - Analog Devices AD5710R Datasheet HTML 52Page - Analog Devices AD5710R Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Data Sheet
AD5710R
REGISTERS
analog.com
Rev. 0 | 49 of 56
Figure 96. Address: 0xD1, Reset: 0xFF, Name: SW_LDAC_EN_0
Table 38. Bit Descriptions for SW_LDAC_EN_0
Bits
Bit Name
Description
Reset
Access
7
SLD_EN_CH_7
Software LDAC Enable Channel 7. Enable/disable software LDAC functionality on Channel 7.
0x1
R/W
0: Disable software LDAC on Channel 7.
1: Enable software LDAC on Channel 7.
6
SLD_EN_CH_6
Software LDAC Enable Channel 6. Enable/disable software LDAC functionality on Channel 6.
0x1
R/W
0: Disable software LDAC on Channel 6.
1: Enable software LDAC on Channel 6.
5
SLD_EN_CH_5
Software LDAC Enable Channel 5. Enable/disable software LDAC functionality on Channel 5.
0x1
R/W
0: Disable software LDAC on Channel 5.
1: Enable software LDAC on Channel 5.
4
SLD_EN_CH_4
Software LDAC Enable Channel 4. Enable/disable software LDAC functionality on Channel 4.
0x1
R/W
0: Disable software LDAC on Channel 4.
1: Enable software LDAC on Channel 4.
3
SLD_EN_CH_3
Software LDAC Enable Channel 3. Enable/disable software LDAC functionality on Channel 3.
0x1
R/W
0: Disable software LDAC on Channel 3.
1: Enable software LDAC on Channel 3.
2
SLD_EN_CH_2
Software LDAC Enable Channel 2. Enable/disable software LDAC functionality on Channel 2.
0x1
R/W
0: Disable software LDAC on Channel 2.
1: Enable software LDAC on Channel 2.
1
SLD_EN_CH_1
Software LDAC Enable Channel 1. Enable/disable software LDAC functionality on Channel 1.
0x1
R/W
0: Disable software LDAC on Channel 1.
1: Enable software LDAC on Channel 1.
0
SLD_EN_CH_0
Software LDAC Enable Channel 0. Enable/disable software LDAC functionality on Channel 0.
0x1
R/W
0: Disable software LDAC on Channel 0.
1: Enable software LDAC on Channel 0.
DAC Register
16-bit data defines the output of OUTn pin, where n is the channel number
DAC_CH0: 0xD2-0xD3
DAC_CH1: 0xD4-0xD5
DAC_CH2: 0xD6-0xD7
DAC_CH3: 0xD8-0xD9
DAC_CH4: 0xDA-0xDB
DAC_CH5: 0xDC-0xDD
DAC_CH6: 0xDE-0xDF
DAC_CH7: 0xE0-0xE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com