Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 135 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 135 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 131Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 132Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 133Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 134Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 135Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 136Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 137Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 138Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 139Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-13
USB DMA Control Register (DMACON)
0x800005C0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EOT
Reserved
RUN
CKSEL
Bit Name Type Reset
Description
6:5
EOT
R/W
00
Force EOT. For test purpose only. Do not write in normal operation.
2:1
RUN
R/W
00
Start DMA Command for EP1 and EP0 respectively.
DREQ/DACK
signaling between the USB core and the central AHB DMA controller is
enabled only when one/all of these bits are set. Once set, these bits are kept
asserted until cleared by corresponding EOT(End of Transfer) signal from the
central AHB DMA controller. Writing a “0” has no effect on these bits.
These bits are forced to “0” when the corresponding “DMA” bit of IN CSR2
Register is disabled.
0
CKSEL
R/W
0
Clock Select for System Bus interface. By default (0), divided HCLK clock is
used for the system bus interface logic of USB core. When this bit is set as
“1”, the clock divider is bypassed and HCLK is directly used. Do not enable
this bit if HCLK frequency is above 60MHz.
USB DMA EP1 FIFO Register (DMAEP1)
0x800005C4
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EP1 FIFO Data Port for DMA Controller
USB DMA EP2 FIFO Register (DMAEP2)
0x800005C8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EP2 FIFO Data Port for DMA Controller
*) Do not access FIFO registers during DMA operation.
9.3 USB Device DMA Operation
DMA operations can be started by setting the “DMA” bit (Bit[4]) of IN CSR2 Register and “RUN” bits (Bit[2:1])
of “USB DMA Control Register” described above. Before enable these bits, the USB core and the central AHB
DMA controller must be programmed correctly. Be careful about the endpoint directions programmed in the
USB core and Source/Destination addresses programmed in central AHB DMA controller.
Source or Destination address must be one of DMAEP1(0x800005C4) and DMAEP2(0x800005C8). Do not
use EP1FIFO and EP2FIFO register address.
9.3.1 OUT Endpoint DMA Operation
After the USB core receives OUT data (
≤ maximum packet size) from HOST, the endpoint which took the data
will generate DREQ strobe to AHB DMA Controller as far as the FIFO isn't empty. Consequently, the number
of DREQs will be equal to the number of data bytes from Host. The DMA controller can read data from the
FIFO in the specific endpoint by issuing the DACK input to the core. Whenever one packet is transferred
successfully from HOST to USB, the process described above shall be performed for the OUT endpoint DMA
operation. This operation is repeated until EOT signal is asserted from the DMA Controller.
9.3.2 IN Endpoint DMA Operation
As long as the FIFO isn't full, DREQ signal is asserted to the DMA Controller. Then, DMA controller may write
one packet of data (
≤ maximum packet size) or multiple packets of data to a specific IN endpoint FIFO with
DACK until EOT is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com