Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 134 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 134 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 130Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 131Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 132Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 133Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 134Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 135Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 136Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 137Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 138Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-12
OUT CSR2 Register (OCSR2n)
0x80000554
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
ACLR
ISO
Reserved
This register maintains the configuration of endpoints.
ACLR [7]
Type
Auto Clear
1
Enable Auto Clear.
Whenever the CPU reads data from the OUT FIFO, ORDY
will automatically be cleared by the USB.
0
R/W
Disable Auto Clear. (Default)
Once the CPU reads the FIFO for the entire packet, ORDY
should be cleared manually.
ISO [6]
Type
ISO/BULK Mode Select
0
R/W
Configures endpoint mode as BULK. (Default)
1
R/W
Configures endpoint mode as ISO.
OUT FIFO Write Count 1 Register (OFIFO1n)
0x80000558
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
OFIFO1n
OUT FIFO Write Count 2 Register (OFIFO2n)
0x8000055C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
OFIFO2n
There are two registers, OFIFO1n and OFIFO2n, which maintain the write count.
OFIFO1n maintains the lower bytes, while OFIFO2n maintains the higher byte.
Write count = OFIFO2n * 256 + OFIFO1n
When ORDY bit of OCSR1n is set for OUT endpoints, these registers maintain the
number of bytes in the packet due to be read by the CPU.
EP0 FIFO Register (EP0FIFO)
0x80000580
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
FIFO
EP1 FIFO Register (EP1FIFO)
0x80000584
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
FIFO
EP2 FIFO Register (EP2FIFO)
0x80000588
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com