Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 130 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 130 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 126Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 127Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 128Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 129Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 130Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 131Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 132Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 133Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 134Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-8
EP0 CSR Register (EP0CSR)
0x80000544
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CLSE CLOR
ISST
CEND DEND STST
IRDY ORDY
This register has the control and status bits for EP0 endpoint. Since a control transaction
involves both IN and OUT tokens, there is only one CSR register, mapped to INCSR1
register. EP0CSR register can access by writing “0” to UBIDX register.
CLSE [7]
Type
Clear Setup End Bit
1
W
The CEND flag is cleared when writing a 1 to this bit.
CLOR [6]
Type
Clear Output Packet Ready Bit
1
W
The ORDY flag is cleared when writing a 1 to this bit.
ISST [5]
Type
Issue STALL Handshake
1
If USB decodes an invalid token, the CPU writes a 1 to this
and CLOR bit concurrently. The USB issues a STALL
handshake to the current control transfer.
0
R/W
End the STALL condition by writing a 0 to this bit.
CEND [4]
Type
Control Transfer End
1
R
Indicates that the control transfer ends before DEND bit is
set.
It is cleared by writing a 1 to CLSE bit.
When this is set, an interrupt occurs and the USB flushes
FIFO and invalidates all access to FIFO.
*) When CEND bit is set, the ORDY bit also may be set. This happens when the current transfer has
ended, and a new control transfer is received before the MCU can service the interrupt. In such a
case, the CPU should first clear the CEND flag, and then start servicing the new control transfer.
DEND [3]
Type
Data End
1
R/W
CPU write a 1 to this bit:
- after loading the last packet of data into the FIFO, at the
same time IRDY flag is set.
- while it clears ORDY after unloading the last packet of
data.
- for a zero length data phase, when it clears ORDY flag
and sets IRDY flag.
In the case of a control transfer where there is no data
phase, the CPU (after unloading the setup token) sets
DEND at the same time it clears ORDY for the setup
token.
STST [2]
Type
STALL Handshake Issued
1
R
Indicates that a control transaction is ended due to a
protocol violation. An interrupt is generated when this bit
is set.
0
W
Clear STST flag by writing 0.
IRDY [1]
Type
IN Packet Ready
1
W
After writing a packet of data into EP0 FIFO, set this bit
to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com