Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 128 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 128 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 124Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 125Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 126Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 127Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 128Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 129Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 130Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 131Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 132Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-6
Endpoint Interrupt Enable Register (UBEIEN)
0x8000051C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EP2
EP1
EP0
EP2 [2]
Type
EP2 Interrupt Control
0
Disable EP2 interrupt
1
R/W
Enable EP2 interrupt
EP1 [1]
Type
EP1 Interrupt Control
0
Disable EP1 interrupt
1
R/W
Enable EP1 interrupt
EP0 [0]
Type
EP0 Interrupt Control
0
Disable EP0 interrupt
1
R/W
Enable EP0 interrupt
USB Interrupt Enable Register (UBIEN)
0x8000052C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
RST
0
SP
RST [2]
Type
Reset Interrupt Control
1
Enable Reset interrupt.
0
R/W
Disable Reset interrupt
SP [0]
Type
Suspend Interrupt Control
1
Enable Suspend interrupt
0
R/W
Disable Suspend interrupt.
*) Once suspend interrupt is generated, this interrupt must be disabled not to generate it
continuously. Enable suspend interrupt right after the reset or resume interrupt is detected,
and disable suspend interrupt right after that interrupt is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com