Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 124 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 120Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 121Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 122Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 123Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 124Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 125Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 126Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 127Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-2
9.2 Register Description for USB Device Controller
Table 9.1 USB Register Map (Base Address = 0x80000500)
Name
Address
Type
Reset
Description
NON INDEXED REGISTERS
UBFADR
0x00
R/W
0x00
Function Address Register
UBPWR
0x04
R/W
0x00
Power Management Register
UBEIR
0x08
R/W
0x00
Endpoint Interrupt Flag Register
UBIR
0x18
R/W
0x00
USB Interrupt Flag Register
UBEIEN
0x1C
R/W
0x07
Endpoint Interrupt Enable Register
UBIEN
0x2C
R/W
0x04
Interrupt Enable Register
UBFRM1
0x30
R
0x00
Frame Number 1 Register
UBFRM2
0x34
R
0x00
Frame Number 2 Register
UBIDX
0x38
W
0x00
Index Register
COMMON INDEXED REGISTER
MAXP
0x40
R/W
0x01
IN Max Packet Register
IN INDEXED REGISTERS
INCSR1
0x44
R/W
0x00
IN CSR1 Register (EP0 CSR Register)
INCSR2
0x48
R/W
0x20
IN CSR2 Register
OUT INDEXED REGISTERS
OCSR1
0x50
R
0x00
OUT CSR1 Register
OCSR2
0x54
R/W
0x00
OUT CSR2 Register
OFIFO1
0x58
R
0x00
OUT FIFO Write Count 1 Register
OFIFO2
0x5C
R
0x00
OUT FIFO Write Count 2 Register
FIFO REGISTERS
EP0FIFO
0x80
R/W
Unknown
EP0 FIFO Register
EP1FIFO
0x84
R/W
Unknown
EP1 FIFO Register
EP2FIFO
0x88
R/W
Unknown
EP2 FIFO Register
DMA REGISTERS
DMACON
0xC0
R/W
0x00
DMA Control Register
DMAEP1
0xC4
R/W
Unknown
EP1 FIFO Access Register for DMA
DMAEP2
0xC8
R/W
Unknown
EP2 FIFO Access Register for DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com