Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 127 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 123Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 124Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 125Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 126Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 127Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 128Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 129Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 130Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-5
These registers act as status registers when interrupt is generated. Once interrupt
generated, it is needed to read all the interrupt registers and write back to all the registers
to clear the interrupt. The endpoint interrupt register UBEIR has three bit fields that
correspond to the respective endpoints.
The EP0 interrupt is generated under the following conditions:
•
OUT Packet is ready. ORDY field is set in the of EP0 CSR register.
•
IN Packet is ready. IRDY field is set in the of EP0 CSR register.
•
STST (STALL Handshake Issued) flag is set.
•
CEND (Control Transfer End) flag is set.
•
DEND (Data Transfer End) is cleared (Indicates End of control transfer).
The EP1/E2 interrupt is generated under the following conditions:
For IN endpoints
•
IRDY field is cleared in its CSR register.
•
FIFO is flushed
•
STST (STALL Handshake Issued) flag is set
•
For OUT endpoints
•
ORDY field is set in its CSR register.
•
STST (STALL Handshake Issued) flag is set
For ISO IN endpoints:
UNDER_RUN bit is set
IRDY field is cleared in its CSR register.
FIFO is flushed
For ISO OUT endpoints:
ORDY field is set in its CSR register
OVER RUN bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com