Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 123 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 123 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 119Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 120Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 121Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 122Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 123Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 124Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 125Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 126Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 127Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-1
9 USB CONTROLLER
9.1 Overview
The TCC76x supports a fully compliant to USB 1.1 specification, full-speed (12 Mbps)
functions and suspend/resume signaling. The USB function controller has an endpoint
EP0 for control and two in/output endpoints EP1/EP2 for bulk data transaction. The
endpoint EP0 has a single 64 byte FIFO; Max packet size is 64 bytes. And the endpoint
EP1 and EP2 have a single 128 byte FIFO, respectively. Max packet size of EP1 and EP2
is 64 bytes.
There are 4 types of internal registers;
IN_CSR
IN Control Status Register
OUT_CSR
OUT Control Status Register
IN_MAXP
IN Maximum Packet size Register
OUT WRITE COUNT
OUT Write Count Register
Interrupt (Status) and Interrupt Enable registers are broken down into 2 banks: Endpoint
Interrupts, USB Interrupts. The MAXP, ENDPOINT INTERRUPT and ENDPOINT
INTERRUPT ENABLE registers are used regardless of the direction of the endpoint.
The associated CSR registers correspond to the direction of endpoint.
The TCC76x supports also 1 port of USB host interface that has the following features.
OHCI Rev. 1.0 compliant
USB Rev. 1.1 compatible
1 down stream port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com