Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 133 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 133 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 129Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 130Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 131Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 132Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 133Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 134Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 135Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 136Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 137Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB CONTROLLER
Preliminary
9-11
OUT CSR1 Register (OCSR1n)
0x80000550
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CTGL
STST
ISST
FLFF
DERR OVER
FFL
ORDY
This register maintains the status information of endpoints.
CTGL [7]
Type
Data Toggle Bit
1
W
The data toggle sequence bit is reset to DATA0.
STST [6]
Type
STALL Handshake Issued
1
R
Indicates that the OUT token is ended with a STALL
handshake. USB issues a stall handshake to the host if
host sends more than MAXP data for the OUT token.
0
W
Clear STST flag by writing 0.
ISST [5]
Type
Issue STALL Handshake
1
Issue a STALL Handshake to the USB.
0
R/W
End the STALL condition.
FLFF [4]
Type
Issue FIFO Flush
1
OUT FIFO is flushed.
This bit can be set only when the ORDY flag is set.
0
R/W
Stop flushing FIFO.
DERR [3]
Type
Data Error
1
R
Valid only in ISO mode. This bit should be sampled with
ORDY (Bit[0]). “1” indicates the data packet due to be
unloaded by the CPU has an error (either bit stuffing or
CRC). If two packets are loaded into the FIFO, and the
second packet has an error, then this bit gets set only after
the first packet is unloaded. This bit is automatically
cleared when ORDY gets cleared.
OVER [2]
Type
OUT FIFO Over Run
1
R
Valid only in ISO mode. This bit is set if the core is not
able to load an OUT ISO token into the FIFO. Cleared
by writing 0.
FFL [1]
Type
OUT FIFO Full
1
R
Indicates that no more packets can be accepted
ORDY [0]
Type
OUT Packet Ready
1
R
Indicates the USB has loaded a packet of data into the FIFO.
0
W
Clears ORDY flag by writing 0.
Once the CPU reads the FIFO for the entire packet, this bit
should be cleared. (refer ACLR bit of OCSR2n register)
*) FFL == 0 && ORDY == 0 : Indicates that there is no packet in the FIFO.
FFL == 0 && ORDY == 1 : Indicates that there is 1 packet in the FIFO.
FFL == 1 && ORDY == 1 : Indicates that there are 2 packets in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com