Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 218 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 218 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 214Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 215Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 216Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 217Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 218Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 219Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 220Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 221Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 222Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CAMERA INTERFACE
Preliminary
18-4
R0G0[5:3]
CLK
HS
Data_H[7:0]
565RGB 16bits format
* R and B channels are composed 5 bits and G channel is 6 bits.
pixel clock
G0[2:0]B0
R1G1[5:3]
G1[2:0]B1
R2G2[5:3]
G2[2:0]B2 G3[2:0]B3
R3G3[5:3] R4G4[5:3] R5G5[5:3] R6G6[5:3] R7G7[5:3] R8G8[5:3] R9G9[5:3]
G4[2:0]B4 G5[2:0]B5 G6[2:0]B6 G7[2:0]B7 G8[2:0]B8 G9[2:0]B9
R0G0[5:3]
CLK
HS
Data[7:0]
565RGB 8bits format
* R and B channels are composed 5 bits and G channel is 6 bits.
pixel clock * 2
G0[2:0]B0
G1[2:0]B1
R1G1[5:3]
G2[2:0]B2
G3[2:0]B3
R2G2[5:3]
R3G3[5:3]
R4G4[5:3] G4[2:0]B4
0R0G0[4:3]
CLK
HS
Data_H[7:0]
Data_L[7:0]
555RGB 16bits format
* RGB channels are composed 5 bits and 1 bit is garbage. The garbage locates
MSB or LSB 1bit. In figure, the garbage located MSB
pixel clock
G0[2:0]B0
0R1G1[4:3]
G1[2:0]B1 G2[2:0]B2 G3[2:0]B3 G4[2:0]B4 G5[2:0]B5 G6[2:0]B6 G7[2:0]B7 G8[2:0]B8 G9[2:0]B9
CLK
HS
Data[7:0]
555RGB 8bits format
pixel clock * 2
G0[2:0]B0
G1[2:0]B1
G2[2:0]B2
G3[2:0]B3
G4[2:0]B4
0R2G2[4:3] 0R3G3[4:3] 0R4G4[4:3] 0R5G5[4:3] 0R6G6[4:3] 0R7G7[4:3] 0R8G8[4:3] 0R9G9[4:3]
0R0G0[4:3]
0R1G1[4:3]
0R2G2[4:3]
0R3G3[4:3]
0R4G4[4:3]
R
CLK
HS
Data[7:0] (odd)
Data[7:0] (even)
Bayer RGB format
pixel clock
G
Data_L[7:0]
B
RR
R
R
GG
G
G
GGG
GG
BB
B
B
* RGB channels are composed 5 bits and 1 bit is garbage. The garbage locates
MSB or LSB 1bit. In figure, the garbage located MSB
Figure 18.4 RGB 565/555/bayer Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com