Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 216 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 216 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 212Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 213Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 214Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 215Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 216Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 217Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 218Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 219Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 220Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CAMERA INTERFACE
Preliminary
18-2
Figure 18.2 shows the packing method.
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Cb0 Cr0 Cb2 Cr2 Cb4 Cr4 Cb6 Cr6 Cb8 Cr8
pixel clock
HS
Y[7:0]
CbCr[7:0]
LSB
MSB
0
31
LSB
MSB
0
31
Y0
Y1
Y2
Y3
Cb0
Cb2
Cb4
Cb6
Cr0
Cr2
Cr4
Cr6
Packing at separating each channel
Y0 Cb0
Y1 Cr0
Y2
Y3
Y4
Y5
Cb2
Cr2
Cb4
Cr4
Unpacking at separating each
channel
Figure 18.2 Packing Method
The CIF asserts interrupt signal after each frame image has been stored to memory.
18.2 Related Blocks
To enable CIF (Camera Interface), CIFEN bit of MISCFG register (0x80000A1C)
must be set to “1”. CIFEN bit enables Camera Interface signals on to the GPIO pins
listed in the table below. CIFEN has a precedence over GPIO control bits.
Table 18.1 CIF Signal Mapping
Camera Interface Signals
GPIO Pins
HS
GPIO_D[17]
VS
GPIO_D[16]
CAMCLK
GPIO_D[15]
Data[7:4]
GPIO_D[21:18]
Data[3:0]
GPIO_A[3:0]
At power on reset, CIFEN is disabled and the CIF signals are treated as normal GPIO.
After the signals are enabled, CIFCLK (the main clock of CIF) must be enabled and
configured to the proper frequency. Refer to section “CLOCK GENERATOR” for
CIFCLK related descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com