Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 213 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 213 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 209Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 210Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 211Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 212Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 213Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 214Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 215Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 216Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 217Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
I2C CONTROLLER
Preliminary
17-3
Transmit Register (TXR)
0x80000808
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Transmit Data
When CTRL[5] is set, in case of 16Bit Mode is selected, Transmit Data bit width become 16 bit. Default mode is
8bit mode.
Command Register (CMD)
0x8000080C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
STA STO
RD
WR ACK RESERVE IACK
STA [7]
Start Condition Generation
0
Disabled
1
Enabled
STO [6]
Stop Condition Generation.
0
Disabled
1
Enabled
RD [5]
Read From Slave
0
Disabled
1
Enabled
WR [4]
Write to Slave
0
Disabled
1
Enabled
ACK [3]
Sent ACK
0
Enabled
1
Disabled
IACK [0]
Interrupt Acknowledge
0
-
1
Clear a pending interrupt
Receive Register (RXR)
0x80000810
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Receive Data
When CTRL[5] is set, in case of 16Bit Mode is selected, Receive Data bit width become 16 bit. Default mode is
8bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com