Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 211 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 211 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 207Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 208Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 209Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 210Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 211Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 212Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 213Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 214Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 215Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
I2C CONTROLLER
Preliminary
17-1
17 I2C CONTROLLER
17.1 Functional Description
Byte
Command
Controller
DataI/O
Shift
Register
Clock
Generator
Bit
Command
Controller
Prescale
Register
Command
Register
Status
Register
Transmit
Register
Receive
Register
SCL
SDA
I2CCLK from Clock Controller
Figure 17.1 I2C Block Diagram
17.2 Related Blocks
Before enable the I2C Controller, CFGI2C[1:0] of MISCFG register (0x80000A1C) must be set according to the
external connection. CFGI2C[1:0] enables I2C signals on to the GPIO pins as listed in the table below. CFGI2C has
a priority over GPIO control bits. Note that GPIO_D[17:16] is also shared with CIF (Camera Interface) signals.
When CIFEN is set, GPIO_D[17:16] will be assigned to CIF signals regardless of CFGI2C value.
Table 17.1 I2C Signal Mapping
CIFEN
CFGI2C[1:0]
SCL
SDA
X
00
Disabled
Disabled
X
01
GPIO_A[9]
GPIO_A[8]
X
10
GPIO_A[11]
GPIO_A[10]
0
11
GPIO_D[17]
GPIO_D[16]
1
11
Disabled
Disabled
At power on reset, CFGI2C is disabled and the I2C signals are treated as normal GPIO. GPIO_A[9:8] are used
as Bus Width Configuration bits (BW[1:0]) at power on reset. Due to this functionality, I2C signals may not be
selected. Refer to section “MEMORY CONTROLLER” for BW[1:0] description. (MCFG register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com