Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 207 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 207 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 203Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 204Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 205Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 206Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 207Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 208Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 209Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 210Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 211Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ECC (ERROR CORRECTION CODE)
Preliminary
16-1
16 ECC (Error Correction Code)
16.1 Functional Description
The ECC (Error Correction Code) is used to correct data error in storage device or various kind of
communicating system. The TCC76x has a simple ECC generation module that calculate these ECC for this
purpose. By enable ECC module, it consistently monitors internal bus activity and calculate ECC whenever there
is read or write cycle from/to a predefined memory area. The area can be determined by special register so this
module can be used ECC calculation itself not only for specific storage device such as NAND flash.
The following figure represents block diagram including internal bus connection for ECC module.
Memory
Controller
HADDR
HTRANS
HWDATA
HCLK
HREADY
HSIZE
ECC
in/output
Register
Base
Address
Address
Mask
ECC
Control
Register
ECC Core
HRDATA
External
Storage
Device
Figure 16.1 ECC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com