Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 205 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 205 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 201Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 202Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 203Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 204Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 205Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 206Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 207Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 208Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 209Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MEMORY CONTROLLER
Preliminary
15-13
Sub-registers of NAND type memory
In case of NAND flash type memories, there are several sub-registers for generating command,
address, and data cycles.
Followings are these sub-registers. (M is base field of CSCFGx register)
Except the data register (NDDATA), the sub-register has implicit size of 32bit, so the bus-width
of CSCFGx register does not affect the cycle of command and address registers. It only affects
the cycle of data register.
Command Cycle Register (NDCMD)
0x10000000 * M
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
NDCMD3
NDCMD2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NDCMD1
NDCMD0
*) If bus width of NAND flash is more than 8bit, the NDCMD1 ~ 3 may be used as command register,
otherwise only NDCMD0 is used as command register. The following values are an example commands for
NAND flash of SAMSUNG. Refer to corresponding datasheet of NAND flash chip for more detailed list of
command s.
0x00/0x01 : Page Read Command
0x80 : Page Program Command
0x60 : Block Erase Command
0x70 : Status Read Command
(generated by reading from 0xM0000700 address)
Linear Address Cycle Register (NDLADR)
0x10000000 * M + 0x04
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
NDLADR[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NDLADR[15:0]
*) By writing to this register, memory controller generates linear address cycle for NAND flash.
Row Address Cycle Register (NDRADR)
0x10000000 * M + 0x08
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
NDRADR[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NDRADR[15:0]
*) By writing to this register, memory controller generates row address cycle for NAND flash.
Table 15.3 represents the relation between each cycle and address generation.
User must set this information appropriately to PSIZE and CADR field of CSCFGx register
ahead of accessing NAND data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com