Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 204 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 204 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 200Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 201Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 202Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 203Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 204Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 205Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 206Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 207Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 208Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MEMORY CONTROLLER
Preliminary
15-12
Memory Controller Clock Count Register (CLKCFG)
0xF0000020
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CNT[2:0]
CNT [2:0]
Count Select for Clock Gating
N
The internal clock of the Memory Controller can be gated to save
power. These bits selects the clock gating ratio. The timing
parameters of CSCFGx registers should be re-written with
appropriate values. These bits also affect the SD_CLK output.
Do not enable this feature when DDR SDRAM is used.
SEL[2:0]
SD_CLK and Internal Clock
1
HCLK / 2
2
HCLK / 4
3
HCLK / 6
SDRAM Command Register (SDCMD)
0xF0000024
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
A10
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
nCS
nRAS nCAS nWE
BA[1:0]
A[9:0]
When this register is written, corresponding SDRAM signal is output to the SDRAM.
This is a write only register and read data is undefined. Any value written to this
register must be a valid SDRAM command (MRS or EMRS, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com