Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 202 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 202 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 198Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 199Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 200Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 201Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 202Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 203Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 204Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 205Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 206Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MEMORY CONTROLLER
Preliminary
15-10
URDY [19]
Use Ready
1
Ready / Busy signal monitoring is enabled
The memory controller extends access cycle until the state of READY
pin indicates that the access request has accomplished.
*) Refer to Figure 15.3 for ready(busy) cycle extension. Don’t use this feature when access
NAND flash. NAND flash’s READY signal is for waiting from end of command cycle to start of
data cycle so it is not adequate for extension of each cycle.
RDY [18]
Ready / Busy Select
0
The READY(MODE0) pin indicate the READYsignal.
The memory controller extends access cycle until this pin goes to high
state.
1
The READY(MODE0) pin indicate the BUSYsignal.
The memory controller extends access cycle until this pin goes to low
state.
*) Refer to Figure 15.3 for ready/busy cycle extension.
AMSK [14]
Address Mask Bit
0
Upper half of data bus is masked to zero.
*) In case of 16bit width NAND flash, the upper half byte must be held low, during address
cycles. This bit must be set to zero. But if the system uses multiple NAND flashes by sharing a
chip select but separating each data to 16 or 32bit data bus of the TCC76x, the AMSK must be set
to 1, so the address can be fed to each NAND flashes.
PSIZE [13:12]
Page size of NAND Flash
psize
The size of one page for NAND type flash.
It represents byte per page calculated by the following equation.
1 Page = 256 * 2psize
*) Refer to Table 15.3 about the relationship between the address generation and each page size
configuration.
CADR [11:9]
Number of Address Cycles
N
The number of address command cycle for NAND type flash.
(N+1) cycle is used for generating address cycle command.
*) Refer to sub-register of NAND type memory for more information of PSIZE and CADR field.
STP [8:6]
Number of Cycle for Setup Time (tSH)
N
N cycle is issued between the falling edge of nCS[n] and nOE / nWE.
PW[7:0]
[29:28,17:15,5:3]
Number of Cycle for Pulse Width (tPW)
N ( = 0~255 )
(N+1) cycle is issued between the falling and rising edge of nOE /
nWE.
HLD [2:0]
Number of Cycle for Hold Time (tHLD)
N
N cycle is issued between the rising edge of nOE / nWE and nCS[n].
The following figure displays the element cycle diagram for external memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com