Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 199 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 199 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 195Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 196Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 197Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 198Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 199Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 200Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 201Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 202Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 203Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
MEMORY CONTROLLER
Preliminary
15-7
SDW [7]
Type
SDRAM High-Frequency Wait
0
No additive wait cycle
1
R/W
Additive wait cycle
SDT [6]
Type
Type of SDRAM
0
Single-Data-Rate SDRAM
1
R/W
Double-Data-Rate SDRAM
JTEN [5]
Type
JTAG Enable
0
JTAG port is disabled
1
R/W
JTAG port is enabled
SDEN [4]
Type
SDRAM Controller Enable
0
SDRAM controller is disabled
1
R/W
SDRAM controller is enabled
*) When this bit goes from low to high, SDRAM MRS cycle is generated.
This bit must be cleared before CL bit of SDCFG register is changed.
SDS [3]
Type
SD_CLK output select
0
SDRAM Clock is out from SD_CLK pin
1
R/W
GPO bit is out from SD_CLK pin
SRF [2]
Type
Self Refresh Cycle Generation
0
If SDRAM is in standby mode, the refresh cycle is generated a
few times automatically, and SDRAM exits from standby state
and goes back into idle state.
1
R/W
If SDRAM is not in standby mode, the self-refresh cycle is
generated, and the SDRAM enters into standby mode and stay
this mode until this flag goes back to low.
*) Do not set while program is executing in SDRAM. SR bit of SDCFG register has the same
function.. Either one can be used for self-refresh mode control.
It is recommended to use the following example sequence to control self-refresh mode.
To enable self-refresh mode,
1.
Manipulate cache coherency if necessary.
2.
Set SR bit of SDCFG register
3.
Set SDS bit of MCFG register
To exit from self-refresh mode,
1.
Clear SDS bit of MCFG register
2.
Clear SR bit of SDCFG register
The above sequences must be executed in the non-SDRAM area, like internal SRAM or NOR
flash and while the SDRAM is in self-refresh mode, code should not access the SDRAM area.
GPO [1]
Type
SD_CLK output
0 / 1
R/W
When SDS bit is high, this bit is out through SD_CLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com