Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 209 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 209 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 205Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 206Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 207Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 208Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 209Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 210Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 211Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 212Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 213Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ECC (ERROR CORRECTION CODE)
Preliminary
16-3
SLC_CNT
[3:1]
ECC Block Count
N (0 ~ 7)
Means that N number of ECC block (256 bytes) are calculated.
This is useful to determine how many ECC output registers are
valid. That is, N number of ECC output register counting from
SLC_ECC0 are valid.
SE
[0]
SLC ECC Enable
1
Enable ECC for SLC
0
Disable ECC of SLC
ECC Base Address Register (ECC_BASE)
0x80000904
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
ECC_BASE[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ECC_BASE[15:0]
ECC Address Mask Register (ECC_MASK)
0x80000908
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
ECC_MASK[9:0]
0
The ECC is calculated whenever the specified region of memory is accessed. The region
for ECC calculating is determined by ECC_BASE & ECC_MASK register. The real base
address is determined by following formula.
Real base address = ECC_BASE(0x80000904) & ~(ECC_MASK[9:0] << 2)
(The real base address is assumed to be word aligned, so the least 2 bits are always 0.)
The size of region is also determined by ECC_MASK register. If ECC_MASK register
have N concatenated 0 from LSB, the region size is set to 2N bytes.
ECC Clear Register (ECC_CLR)
0x8000090C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Don’t care
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Don’t care
Whenever this register is written by any value, all ECC output registers are cleared to 0.
ECC Output Register for SLC (SLC_ECCx)
0x80000910 + x*4
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
SLC_ECCx_0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SLC_ECCx_1
SLC_ECCx_2
These registers contain ECC output for SLC. It calculates ECC of SSFDC standard, and
can contain up to 8 block of data. Every time it finishes calculating ECC for each
block, it shifts the ECC values for previous block from SLC_ECC0 upward to
SLC_ECC7 register. So the ECC for last block is always stored at SLC_ECC0
register.
For each output register, there are a total of 22 bits of parity data (6 bits for column parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com