Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 210 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 210 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 206Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 207Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 208Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 209Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 210Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 211Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 212Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 213Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 214Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ECC (ERROR CORRECTION CODE)
Preliminary
16-4
and 16 bits for line parity) as follows:
P1, P1’, P2, P2’, P4, P4’, P8, P8’, P16, P16’, ……, P1024, P1024’
The parity data that have been generated are stored as follows.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SLC_ECCx_0
P64
P64’
P32
P32’
P16
P16’
P8
P8’
SLC_ECCx_1 P1024 P1024’
P512
P512’
P256
P256’
P128
P128’
SLC_ECCx_2
P4
P4’
P2
P2’
P1
P1’
1
1
ECC Evaluation Register for MLC (MLC_ECC0W)
0x80000940
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
MLC_ECC0W[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MLC_ECC0W[15:0]
ECC Evaluation Register for MLC (MLC_ECC1W)
0x80000944
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
MLC_ECC1W[30:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MLC_ECC1W[15:0]
To evaluate ECC for MLC, write acquired ECC to these registers. The MLC_ECC0W is
LSB word and MLC_ECC1W is MSB. The order of writing should be LSB first and then
MSB. After writing to MLC_ECC1W, ECC module starts evaluation and its state can be
monitored by checking MLC_STAT field of ECC_CTRL register.
After finishing evaluation, user can determine whether ECC error occurred or not by
checking EC0 flag of ECC_CTRL register or checking MLC_ECC0R & MLC_ECC1R
registers.
ECC Output Register for MLC (MLC_ECC0R)
0x80000948
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
MLC_ECC0R[31:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MLC_ECC0R[15:0]
ECC Output Register for MLC (MLC_ECC1R)
0x8000094C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
MLC_ECC1R[30:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MLC_ECC1R[15:0]
If there are ECC error, the EC0 flag of ECC_CTRL register is set to 1. By reading
MLC_ERR1R & MLC_ERR0R register and using appropriate algorithm, user can fix
maximum 3 symbols of error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com