Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 212 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 212 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 208Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 209Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 210Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 211Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 212Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 213Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 214Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 215Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 216Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
I2C CONTROLLER
Preliminary
17-2
After the signals are enabled, I2CCLK (the main clock of I2C) must be enabled and configured to the proper
frequency. Refer to section “CLOCK GENERATOR” for I2CCLK (EX2CLK) related descriptions.
For internal synchronization, the APB clock frequency must be faster than the I2CCLK frequency.
fI2CLK ≤ fHCLK / 4.0
17.3 Register Description
Table 17.2 I2C Register Map (Base Address = 0x80000800)
Name
Address
Type
Reset
Description
PRES
0x00
R/W
0xFFFF
Clock Prescale register
CTRL
0x04
R/W
0x0000
Control Register
TXR
0x08
W
0x0000
Transmit Register
CMD
0x0C
W
0x0000
Command Register
RXR
0x10
R
0x0000
Receive Register
SR
0x14
R
0x0000
Status Register
Prescale Register (PRES)
0x80000800
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Clock Prescale data
This register is used to prescale the SCL clock line. Due to the structure of the I2C interface, the core uses a
5*SCL clock internally. The prescale register must be programmed to this 5*SCL frequency (minus 1). Change
the value of the prescale register only when ‘EN’ bit is cleared.
Example :
CLK Input frequency = 8MHz , Desired SCL frequency = 100KHz
Prescale = ( 8MHz / (5*100KHz) ) – 1 = 15
Control Register (CTR)
0x80000804
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
EN
IEN MOD
RESERVED
EN [7]
I2C Core enable bit
0
Disabled
1
Enabled
IEN [6]
I2C Core interrupt enable bit
0
Disabled
1
Enabled
MOD [5]
I2C Data Width
0
8bit Mode
1
16bit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com