Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 223 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 223 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 219Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 220Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 221Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 222Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 223Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 224Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 225Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 226Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 227Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
CAMERA INTERFACE
Preliminary
18-9
FIFO States (FIFOSTATE)
0x80000B24
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RE
WE
0
EY
EC1
EC2
FY
FC1
FC2
There are three FIFOs;Y(G) channel, Cb(U/R) channel, Cr(V/B) channel FIFO.
RE [8]
Read Error
0
The empty signal is Low, or empty is High and read enable signal is Low.
1
The empty signal and read enable signal are High.
WE [7]
Read Error
0
The full signal of FIFO is Low, or full is High and write enable signal is Low.
1
The full signal of FIFO and write enable signal are High.
EY [5]
Empty Signal from Y(G) Channel FIFO
0
The state ofY(G) channel FIFO is non-empty.
1
The state of Y(G) channel FIFO is empty.
EC1 [4]
Empty Signal from Cb(U/R) Channel FIFO
0
The state of Cb(U/R) channel FIFO is non-empty.
1
The state of Cb(U/R) channel FIFO is empty.
EC2 [3]
Empty Signal from Cr(V/B) Channel FIFO
0
The state of Cr(V/B) channel FIFO is non-empty.
1
The state of Cr(V/B) channel FIFO is empty.
FY [2]
Full Signal from Y(G) Channel FIFO
0
The state ofY(G) channel FIFO is non-full.
1
The state ofY(G) channel FIFO is full.
FC1 [1]
Full Signal from Cb(U/R) Channel FIFO
0
The state of Cb(U/R) channel FIFO is non-full.
1
The state of Cb(U/R) channel FIFO is full.
FC2 [0]
Full Signal from Cr(V/B) Channel FIFO
0
The state of Cr(V/B) channel FIFO is non-full.
1
The state of Cr(V/B) channel FIFO is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com