Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 225 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 225 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 221Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 222Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 223Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 224Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 225Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 226Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 227Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 228Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 229Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
FAST GPIO
Preliminary
19-1
19 FAST GPIO
19.1 Description
In the TCC76x, there is special I/O facilities that enable high speed access for I/O port.
These ports are shared with normal GPIO pins and can be accessed through some special
instructions of dedicated coprocessor for these I/O. The dedicated coprocessor number is
5, so user can access these ports by using coprocessor instruction of ARM.
Because there is no control signal to select between the two method (fast GPIO mode and
normal GPIO mode), it is mandatory to clear one set of registers for these two method.
For example, to use Fast GPIO, user must clear corresponding normal GPIO data and
direction control register to zero, and vice versa.
Besides of fast I/O port accessing, the dedicated coprocessor has additional functions for
various purposes. It has bit-reversing functions on the 32bit or 12bit data. And it can
calculate the number of leading zero of 32bit data.
The following table shows coprocessor register for the above functions.
Table 19.1 Register of Fast GPIO
Name Opcode1
Description
0
It is for I/O direction and I/O data control.
Bit allocation of C0 register is as follows.
C0[14:0] : FGPDATA(Fast GPIO Data Register) [14:0]
FGPDATA[7:0] are shared with GPIO_A[7:0]
FGPDATA[14:8] are shared with GPIO_A[14:8] / GPIO_D[21:15]
C0[15] : Not used
C0[30:16] : FGPCON(Fast GPIO Control Register) [14:0]
C0[31]
: Selection control for FGPDATA[14:8] path.
0 : FGPDATA[14:8] are shared with GPIO_D[21:15]
1 : FGPDATA[14:8] are shared with GPIO_A[14:8]
C0
1
It is for toggling C0 register bit-by-bit method.
0
It is for accessing C1 register.
1
It is for getting 32bit reverse information of C1 register.
2
It is for getting 12bit reverse information of C1 register.
C1
3
It is for getting the number of leading zero of C1 register.
To access the above registers, user must use the following instructions.
Table 19.2 Instruction of CP5
Instruction
Description
MCR p5, 0, Rd, Cn, Cn, 0
To write Cn register as Rd value.
MRC p5, 0, Rd, Cn, Cn, 0
To read Cn register on Rd register.
MCR p5, 1, Rd, C0, C0, 0
To invert Fast GPIO, set certain bit field on Rd using this code.
MRC p5, 1, Rd, C1, C0, 0
To get the 32bit-reverse of C1 register on Rd register.
MRC p5, 2, Rd, C1, C0, 0
To get the 12bit-reverse of C1 register on Rd register.
MRC p5, 3, Rd, C1, C0, 0
To get the number of leading zero in C1 register on Rd register.
Note:
Fast GPIO register access is guaranteed up to 90MHz of FCLK frequency. Do
not access Fast GPIO reigisters when FCLK frequency exceeds the limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com