Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 228 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 228 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 224Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 225Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 226Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 227Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 228Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 229Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 230Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 231Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 232Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
BOOTING PROCEDURE
Preliminary
20-2
Table 20.1 Booting Mode of the TCC76x
BM[2:0]
Description
x1x
F/W download from USB interface
If one of other boot processing (except external boot) fails, it starts this
boot procedure automatically.
001
I2C or NAND boot
I2C interface using GPIO_D17 as I2C clock and GPIO_D16 as I2C
data. NAND chip enable is controlled either by GPIO_A7 or A6 or D13
or D12, and NAND out-enable is controlled by nCS2.
It can be used to attach serial EEPROM acquiring another function, or
can remove NOR flash by put the F/W code in NAND flash.
100
NOR boot, F/W download from USB I/F.
NOR must be attached to nCS3 pin, and bus width can be configured
by GPIO_A[9:8]. NOR can contain encrypted code or normal code.
If NOR code is corrupted, the TCC76x automatically changes to USB
boot mode so user can fix NOR contents via USB interface.
101
Development mode
JTAG and SDRAM are enabled, and the base address of SDRAM is
remained. The TCC76x is waiting for JTAG connection while toggling
the GPIO_A[0] output.
000
NOR boot without encryption
NOR flash must be attached to nCS3 pin.
In the TCC760 and TCC761 the NOR flash is externally attached to
nCS3. In the other TCC76x derivatives with on chip NOR flash, the
nCS3 must be externally connected to FCSN pin.
20.2 External ROM Boot without Encryption (BM == 000)
It supports an external boot ROM.
When external boot mode, the sequence begins from external ROM that is attached to
nCS3.
The bus width of external boot ROM can be determined by state of GPIO_A[9:8] at the
rising edge of nRESET pin. If GPIO_A[9:8] == 0, the bus width is 16bit, if GPIO_A[9:8]
== 1, it is 8bit, otherwise, it is 32bit. (Refer to the chapter of memory controller for more
details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com