Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 231 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 231 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 227Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 228Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 229Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 230Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 231Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 232Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 233Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 234Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 235Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
BOOTING PROCEDURE
Preliminary
20-5
Table 20.2 Supported NAND flash types
Size
(bytes)
Size of Page
(bytes)
Number
of Page
CADR
Device ID
x8 / x8 / x16 / x16
8M
512
16K
3
39 / E6 / 49 / 59
16M
512
32K
3
33 / 73 / 43 / 53
32M
512
64K
3
35 / 75 / 45 / 55
64M
512
128K
4
36 / 76 / 46 / 56
128M
512
256K
4
78 / 79 / 72 / 74
256M
512
512K
4
71
512M
512
1024K
4
DC
128M
2048
64K
4
A1 / F1 / B1 / C1
256M
2048
128K
5
AA / DA / BA / CA
512M
2048
256K
5
AC / DC / BC / CC
1G
2048
512K
5
A3 / D3 / B3 / C3
2G
2048
1024K
5
A5 / D5 / B5 / C5
CSCFG2 Register Setting
N = last page number
Copy initialization code from buffer to SRAM
JUMP to SRAM (0x30000000)
1st & 2nd word
are OK ?
No
Yes
N = N - 1
Read 512 bytes to buffer
Check If serial EEPROM is attached
Attached ?
No
Device Code
OK ?
NAND Device code reading through nCS2
Yes
No
USB Boot Mode
Yes
Read Init Line (1st 4 words)
Init Line is OK ?
Yes
No
Read initialization codes & Decrypt them.
Copy to SRAM (0x30000000)
JUMP to SRAM (0x30000000)
ECC is OK ?
No
Yes
Over the Half of
NAND size ?
No
Yes
Figure 20.3 I2C and NAND boot procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com