Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 232 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 232 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 228Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 229Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 230Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 231Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 232Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 233Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 234Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 235Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 236Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
BOOTING PROCEDURE
Preliminary
20-6
20.5 External ROM Boot with Encryption (BM == 100)
The NOR flash must be connected via nCS3 signal. The boot sequence of this mode
is as follows.
i)
Read init line from NOR flash. The init line consists of the following information.
1st word ~ 2nd word: security information
3rd word : size of initialization code.
ii) If 1st or 2nd word is 0xFFFFFFFF, it goes to USB boot mode for F/W downloading.
iii) If 1st and 2nd word don’t contain security information, then it calculates CRC-32 for
the 1st 512kbytes of NOR flash and compare the CRC-32 code with 6th word of NOR
flash. If the CRC checking is success, it goes to external NOR boot by jumping
0x70000000. Or if the CRC check is failed, it goes to USB boot mode for F/W
downloading.
iv) If the 1st and 2nd word are correct, read initialization code from the next data of init
line, and copy them to internal SRAM (starts from 0x30000000). After all amount of
codes are copied (initialization codes are not encrypted), the program make a call
(branch with link) command to internal SRAM (0x30000000). The initialization code
must be encapsulated by the entrance command of ‘STR LR, [SP - #4]!’, and the exit
command of ‘LDR PC, [SP], #4’.
v) The initialization code must make arrange the memory area so that the zero base area
(0x00000000 ~ 0x0FFFFFFF) can contain the main F/W code and then goes back to
booting sequence while setting r0 register to the start address of F/W code.
vi) Read the size of F/W code at the address designated by r0 register.
vii) The F/W code is read from the next address of the r0 register and decrypted and
copied to the zero base area (0x00000000 ~ 0x0FFFFFFF).
viii) After all of amount of F/W codes are decrypted and copied, the program jumps to
0x00000000.
Figure 20.4 illustrates the allocation map of encrypted F/W code in NOR flash.
Main F/W Code Area (S
B bytes)
Size of F/W
S
B
Init Line of NOR flash
S
A
S
1
S
0
Initialization Code Area (S
A bytes)
.
.
.
Returning from these area, the register R0 contains
the start address of F/W code
0x70000000
4 byte
0x70000010
R0
Figure 20.4 Allocation of encrypted F/W code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com