Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 235 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 235 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 231Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 232Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 233Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 234Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 235Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 236Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 237Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 238Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 239Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
JTAG DEBUG INTERFACE
Preliminary
21-1
21 JTAG DEBUG INTERFACE
The TCC76x has the ARM940T core as main controller, and JTAG interface for
developing the application programs. It can be connected with OPENice32 of AIJI
System or Multi-ICE of ARM or other third party’s in-circuit emulator supporting for
ARM940T core.
With the use of in-circuit emulator, users can easily develop the program for their own
system. It provides hardware breakpoints, internal register monitoring, memory dump, etc.
Refer to user’s manual of in-circuit emulator for more detail functions of it.
Figure 21.1 shows the application circuit for JTAG interface. Care must be taken not to
combine system reset with JTAG reset signal.
TCC76x
20
18
16
12
10
8
6
4
2
14
19
17
15
11
9
7
5
3
1
13
nTRST
nSRST
RESET
CIRCUIT
nRESET
nTRST
TDI
TMS
TCK
TDO
TDI
TMS
TCK
TDO
VDDIO
10K
10K
10K
10K
Figure 21.1 JTAG Interface Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com