Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 239 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 239 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 235Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 236Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 237Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 238Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 239Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 240Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 241Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 242Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 243Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
USB 2.0 & CARD INTERFACE
Preliminary
22-1
22 USB 2.0 & CARD INTERFACE
This section describes USB 2.0 device controller and Memory Card Interface block in the TCC766 and TCC767.
22.1 Overview
•
USB 2.0 Interface
-
USB Specification 2.0 & 1.1 Compliant
-
Supports High Speed Transfers (480Mbit/sec)
-
Supports Full Speed Transfers (12Mbit/sec)
-
Supports Four Endpoints :
Endpoint 0 : 64 Bytes CONTROL transfer
Endpoint 1 : 512*2 Bytes BULK IN transaction
Endpoint 2 : 512*2 Bytes BULK OUT transaction
Endpoint 3 : 64 Bytes INTERRUPT IN transaction
•
Memory Card Interfaces
-
Memory Stick (MS)
-
Memory Stick PRO(MSPRO)
-
SecureDigital Card (SD)
-
MultiMedia Card (MMC)
-
Build-in NAND Flash Memory
•
Memory Stick / Memory Stick PRO Interface
-
Fully compatible with the Memory Stick Standard Format Specification Version 1.4
-
Fully compatible with the Memory Stick PRO Standard Format Specification Version 1.00
-
Auto Data CRC generating & checking
-
Memory Stick Support capacity 4/8/16/32/64/128MB
-
Memory Stick PRO Support capacity 256/512/1024MB
•
Secure Digital Card / MultiMedia Card Interface
-
Fully compatible with MultiMediaCard System Specification 3.0
-
Fully compatible with Secure Digital Specification 1.01
-
MMC Support capacity 4/8/16/32/64/128MB
-
SD Support capacity 4/8/16/32/64/128/256/512MB
-
Auto Data CRC generating & checking
-
Auto Command/Response CRC generating & checking
-
Standard MMC/SPI/SD 4-bit mode interface support
•
Build-In NAND Flash Memory Interface
-
Build-in hardware ECC circuit (Hamming & Reed-Solomon).
-
Support SLC(Single Level Cell) NAND Flash Memory. Ex: 128Mb,256Mb,512Mb,1Gb.
-
Support Big Block(2K+64 Bytes per page) NAND Flash Memory. Ex: 1Gb, 2Gb, 4Gb.
-
Support MLC(Multi Level Cell) NAND flash. Ex: 512Mb, 1Gb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com