Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 243 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 243 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 239Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 240Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 241Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 242Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 243Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 244Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 245Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 246Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 247Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ELECTRICAL SPECIFICATION
Preliminary
23-1
23 ELECTRICAL SPECIFICATION
Unless otherwise specified, all the electrical specifications are valid only for the TCC760 / TCC761 signals.
23.1 Absolute Maximum Ratings
Table 23.1 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
DC Supply Voltage for 3.3V I/O
VDDIO
3.8
V
DC Supply Voltage for 1.8V I/O
VDD_OSC
2.5
V
DC Supply Voltage for Internal Digital Logic
VDDI
2.5
V
DC Supply Voltage for Analog Part of ADC
VDDA_ADC
3.8
V
DC Supply Voltage for PLL
VDDA_PLL
2.5
V
Digital Input Voltage for 3.3V Input Buffer
VIN
4.6
V
Digital Input Voltage for 1.8V Input Buffer
VIN_OSC
2.5
V
Analog Input Voltage for ADC
VINA
0 ~ VDDA_ADC
V
DC Input Current
IIN
+/- 200
mA
Storage Temperature
TSTG
-45 to 125
oC
Notes:
1.
Absolute maximum ratings specify the values beyond which the device may be damaged permanently.
Exposure to absolute maximum rating conditions for extended periods may affect reliability. Each
condition value is applied with the other values kept within the following operating conditions and
functional operation under any of these conditions is not implied.
2.
All voltages are measured with respect to VSS unless otherwise specified.
3.
VDDI must always be less than or equal to VDDIO or VDD_OSC
4.
VDD_OSC must always be less than or equal to VDDIO
23.2 Recommended Operating Conditions
Table 23.2 Recommended Operating Conditions
Parameter
Symbol
MIN
TYP
MAX
Unit
DC Supply Voltage for 3.3V I/O (TCC760/TCC761 only)
VDDIO
1.65
-
3.6
V
DC Supply Voltage for 3.3V I/O
VDDIO
2.7
-
3.6
V
DC Supply Voltage for 1.8V I/O
VDD_OSC
1.65
-
1.95
V
DC Supply Voltage for Internal Digital Logic
VDDI
1.65
-
1.95
V
DC Supply Voltage for Analog Part of ADC
VDDA_ADC
3.0
-
3.6
V
DC Supply Voltage for PLL
VDDA_PLL
1.65
-
1.95
V
Digital Input Voltage for 3.3V Input Buffer
VIN
-0.1
-
VDDIO + 0.15
V
Digital Input Voltage for 1.8V Input Buffer
VIN_OSC
-0.1
-
VDD_OSC + 0.15
V
Digital Output Voltage
VOUT
-0.1
-
VDDIO + 0.15
V
Analog Input Voltage for ADC
VINA
0.0
VDDA_ADC
V
External Loop Filter Capacitance for PLL
LF
315
350
385
pF
Operating Temperature
TOPER
-30
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com