Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 244 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 244 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 240Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 241Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 242Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 243Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 244Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 245Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 246Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 247Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 248Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ELECTRICAL SPECIFICATION
Preliminary
23-2
23.3 Electrical Characteristics
Table 23.3 Electrical Characteristics
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Unit
VDDIO = 3.3V±0.3V
0.7 VDDIO
V
High Level Input Voltage
VIH
VDDIO = 1.8V ±0.15V
0.8 VDDIO
V
VDDIO = 3.3V±0.3V
0.8
V
Low Level Input Voltage
VIL
VDDIO = 1.8V ±0.15V
0.57
V
VDDIO = 3.3V±0.3V
2.0
V
Schmitt Trigger, Positive-going Threshold
VT+
VDDIO = 1.8V ±0.15V
1.27
V
VDDIO = 3.3V±0.3V
0.8
V
Schmitt Trigger, Negative-going Threshold
VT-
VDDIO = 1.8V ±0.15V
0.57
V
High Level Input Current
IIH
VIN = VDDIO
-10
10
µA
Low Level Input Current
-10
10
µA
Low Level Input Current (pull-up enabled)
IIL
VIN = VSS
-66
-33
-10
µA
VDDIO = 3.3V±0.3V
IOH = -4/6/8/12mA
2.4
V
High Level Output Voltage
VOH
VDDIO = 1.8V ±0.15V
IOH = -2/3/4/6mA
1.1
V
VDDIO = 3.3V±0.3V
IOL = 4/6/8/12mA
0.4
V
Low Level Output Voltage
VOL
VDDIO = 1.8V ±0.15V
IOL = 2/3/4/6mA
0.5
V
Tri-state Output Leakage Current
IOZ
VOUT = VSS or VDDIO
-10
10
µA
Quiescent Supply Current for I/O
IDS_IO
VDDIO = 3.3V, No Load
VIN = VSS or VDDIO
10
µA
XIN/XOUT Operating Frequency
FOSC1
10
-
40
MHz
XTIN/XTOUT Operating Frequency
FOSC2
32
-
100
kHz
PLL Dynamic Current
IDD_PLL
VDDA_PLL = 1.8V
3
mA
PLL Power Down Current
IPD_PLL
VDDA_PLL = 1.8V
20
µA
PLL Input Frequency
FIN_PLL
VDDA_PLL = 1.8V
5
50
MHz
PLL Output Frequency
FOUT_PLL
VDDA_PLL = 1.8V
50
500
MHz
PLL Locking Time
TLT
VDDA_PLL = 1.8V
150
µs
ADC Differential Nonlinearity
DNL
VDDA_ADC = 3.3V
± 0.8
± 1.0
LSB
ADC Integral Nonlinearity
INL
VDDA_ADC = 3.3V
± 1.0
± 2.0
LSB
ADC Offset Voltage Error (Top / Bottom)
EOT/EOB
VDDA_ADC = 3.3V
3.0
8.0
LSB
ADC Maximum Conversion Rate
fC
fCKIN = 2.5 MHz
500
KSPS
ADC Dynamic Current
IDD_ADC
VDDA_ADC = 3.3V
4
mA
ADC Standby Supply Current
IPD_ADC
VDDA_ADC = 3.3V
20
µA
Ta = 25
oC, VDDIO = VDDA_ADC = 3.3V±0.3V, VDD_OSC = VDDA_PLL= VDDI = 1.8V±0.15V, VSSIO = VSSI = VSSA_PLL = VSSA_ADC
= 0.0V unless otherwise specified.
VDDIO = 1.8V ±0.15V condition is valid only for the TCC760 and TCC761.
Not all parameters are tested. Guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com