Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 248 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 248 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 244Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 245Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 246Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 247Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 248Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 249Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 250Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 251Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 252Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ELECTRICAL SPECIFICATION
Preliminary
23-6
Table 23.11 Electrical Characteristics - Audio CODEC Analog
Parameter
Symbol
Test Conditions
MIN
TYP
MAX Unit
SNR of Line Input
SNRLI
A-weighted, 0dB Gain
90
dB
THD of Line Input
THDLI
-1dB Input, 0dB Gain
-80
dB
SNR of MIC_IN
SNRM
A-weighted, 0dB Gain
84
dB
THD of MIC_IN
THDM
0dB Input, 0dB Gain
-60
dB
SNR of Line Output
SNRLO
A-weighted, Load = 10k
Ω, 50pF
100
dB
THD of Line Output
THDLO
1kHz, 0dB, Load = 10k
Ω, 50pF
-88
-80
dB
Headphone Max Output Power
Po
RL = 16Ω
50
mW
SNR of Headphone Out
SNRH
A-weighted
90
dB
1kHz, Po = 10mW
0.1
%
THD of Headphone Out
THDH
1kHz, Po = 20mW
1.0
%
Table 23.12 Electrical Characteristics - Audio CODEC Power
Parameter
Symbol
Test Conditions
MIN
TYP
MAX Unit
Supply Current
IDD_CDC
Record and playback (all active)
No input signal
24
mA
Static Current
IDS_CDC
Power down, Clock stopped
No input signal
10
µA
Notes:
1.
The power dissipation in the headphone is excluded.
Not all parameters are tested. Guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com